Electronic Components Datasheet Search
  English  ▼

X  

TPS6735 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TPS6735
Description  UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS6735 Datasheet(HTML) 2 Page - Texas Instruments

  TPS6735 Datasheet HTML 1Page - Texas Instruments TPS6735 Datasheet HTML 2Page - Texas Instruments TPS6735 Datasheet HTML 3Page - Texas Instruments TPS6735 Datasheet HTML 4Page - Texas Instruments TPS6735 Datasheet HTML 5Page - Texas Instruments TPS6735 Datasheet HTML 6Page - Texas Instruments TPS6735 Datasheet HTML 7Page - Texas Instruments TPS6735 Datasheet HTML 8Page - Texas Instruments TPS6735 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
TPS60400, TPS60401, TPS60402, TPS60403
UNREGULATED 60-mA CHARGE PUMP VOLTAGE INVERTER
SLVS324 – JULY 2001
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
AVAILABLE OPTIONS
PART NUMBER†
MARKING DBV
PACKAGE
TYPICAL FLYING CAPACITOR
[
µF]
FEATURE
TPS60400DBV
PFKI
1
Variable switching frequency
50 kHz–250 kHz
TPS60401DBV
PFLI
10
Fixed frequency 20 kHz
TPS60402DBV
PFMI
3.3
Fixed frequency 50 kHz
TPS60403DBV
PFNI
1
Fixed frequency 250 kHz
† The DBV package is available taped and reeled. Add R suffix to device type (e.g. TPS60400DBVR) to order quantities of
3000 devices per reel. Add T suffix to device type (e.g. TPS60400DBVT) to order quantities of 250 devices per reel.
TPS60400 functional block diagram
Start
FF
R
S
Q
VI – VCFLY+ < 0.5 V
VI
MEAS
VI < 1 V
VI
VO > Vbe
VO
MEAS
VO
OSC
OSC
CHG
50 kHz
VO > –1 V
VI / VO
MEAS
VI
VO
VCO_CONT
VO < –VI – Vbe
Phase
Generator
DC_ Startup
C(fly)
+
Q3
Q2
Q1
Q4
VI
VO
GND
Q5
Q
Q
B
DC_ Startup
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
CFLY+
5
Positive terminal of the flying capacitor C(fly)
CFLY–
3
Negative terminal of the flying capacitor C(fly)
GND
4
Ground
IN
2
I
Supply input. Connect to an input supply in the 1.6-V to 5.5-V range. Bypass IN to GND with a capacitor that has the
same value as the flying capacitor.
OUT
1
O
Power output with VO = –VI
Bypass OUT to GND with the output filter capacitor CO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com