Electronic Components Datasheet Search
  English  ▼

X  

8103 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 8103
Description  24 AWG stranded (7x32) TC conductors, Datalene insulation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8103 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  8103 Datasheet HTML 1Page - List of Unclassifed Manufacturers 8103 Datasheet HTML 2Page - List of Unclassifed Manufacturers 8103 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
01/01/2004
EU Directive 2002/96/EC (WEEE):
Yes
EU Directive 2003/11/EC (BFR):
Yes
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
Flame Test
UL Flame Test:
UL1685 UL Loading
Plenum/Non-Plenum
Plenum (Y/N):
No
Plenum Number:
88103
Electrical Characteristics (Overall)
Nom. Characteristic Impedance:
Impedance (Ohm)
100
Nom. Capacitance Conductor to Conductor:
Capacitance (pF/m)
41.0125
Nom. Capacitance Cond. to Other Conductor & Shield:
Capacitance (pF/m)
72.182
Nominal Velocity of Propagation:
VP (%)
78
Nom. Conductor DC Resistance:
DCR @ 20°C (Ohm/km)
78.744
Nominal Outer Shield DC Resistance:
DCR @ 20°C (Ohm/km)
12.4678
Max. Operating Voltage - UL:
Voltage
30 V RMS (UL AWM Style 2919)
300 V RMS
Max. Recommended Current:
Current
1.5 Amps per conductor @ 25°C
Notes (Overall)
Notes: Datalene® insulation features include low dielectric constant and a dissipation factor for high-speed, low-distortion data handling. Physical properties include good crush
resistance and light weight.
Put Ups and Colors:
Item #
Putup
Ship Weight
Color
Notes
Item Desc
8103 060100
100 FT
4.600 LB
CHROME
3 PR #24 FHDPE SH PVC
8103 0601000
1,000 FT
42.000 LB
CHROME
C
3 PR #24 FHDPE SH PVC
8103 06010000
10,000 FT
430.000 LB
CHROME
C Y
3 PR #24 FHDPE SH PVC
8103 060500
500 FT
21.000 LB
CHROME
C
3 PR #24 FHDPE SH PVC
8103 0605000
5,000 FT
210.000 LB
CHROME
C
3 PR #24 FHDPE SH PVC
Notes:
C = CRATE REEL PUT-UP.
Y = FINAL PUT-UP LENGTH MAY VARY -10% TO +20% FROM LENGTH SHOWN.MAY CONTAIN 2 PIECES. MINIMUM LENGTH OF ANY ONE PIECE IS 1500'.
Revision Number: 2
Revision Date: 08-31-2012
© 2015 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described herein are subject to error or omission and to
change without notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for
any damages (including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether
in an action under contract, negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Page 2 of 3
01-09-2015
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
8103 Multi-Conductor - Low Capacitance Computer Cable for EIA RS-232/422



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com