Electronic Components Datasheet Search
  English  ▼

X  

8105 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 8105
Description  24 AWG stranded (7x32) TC conductors, Datalene insulation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8105 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  8105 Datasheet HTML 1Page - List of Unclassifed Manufacturers 8105 Datasheet HTML 2Page - List of Unclassifed Manufacturers 8105 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
EU CE Mark:
Yes
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
01/01/2004
EU Directive 2002/96/EC (WEEE):
Yes
EU Directive 2003/11/EC (BFR):
Yes
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
Flame Test
UL Flame Test:
UL1685 UL Loading
Plenum/Non-Plenum
Plenum (Y/N):
No
Plenum Number:
88105
Electrical Characteristics (Overall)
Nom. Characteristic Impedance:
Impedance (Ohm)
100
Nom. Capacitance Conductor to Conductor:
Capacitance (pF/m)
41.0125
Nom. Capacitance Cond. to Other Conductor & Shield:
Capacitance (pF/m)
72.182
Nominal Velocity of Propagation:
VP (%)
78
Nom. Conductor DC Resistance:
DCR @ 20°C (Ohm/km)
78.744
Nominal Outer Shield DC Resistance:
DCR @ 20°C (Ohm/km)
13.7802
Max. Operating Voltage - UL:
Voltage
Description
30 V RMS
UL AWM Style 2919
300 V RMS
Max. Recommended Current:
Current
1.5 Amps per conductor @ 25°C
Notes (Overall)
Notes: Datalene® insulation features include low dielectric constant and a dissipation factor for high-speed, low-distortion data handling. Physical properties include good crush
resistance and light weight.
Put Ups and Colors:
Item #
Putup
Ship Weight
Color
Notes
Item Desc
8105 060100
30 MT
2.359 KG
CHROME
5 PR #24 FHDPE SH PVC
8105 0601000
305 MT
21.319 KG
CHROME
C
5 PR #24 FHDPE SH PVC
8105 060500
152 MT
11.340 KG
CHROME
C
5 PR #24 FHDPE SH PVC
8105 0605000
1,524 MT
108.863 KG
CHROME
C Z
5 PR #24 FHDPE SH PVC
Notes:
C = CRATE REEL PUT-UP.
Z = FINAL PUT-UP LENGTH MAY VARY (+ OR -) 10% FOR SPOOLS OR REELS AND(+ OR -) 5% FOR UNREEL CARTONS FROM LENGTH SHOWN.
Page 2 of 3
08-12-2014
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
8105 Multi-Conductor - Low Capacitance Computer Cable for EIA RS-232/422



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com