Electronic Components Datasheet Search
  English  ▼

X  

8916 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 8916
Description  14 AWG stranded (41x30) tinned copper conductor, PVC insulation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

8916 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  8916 Datasheet HTML 1Page - List of Unclassifed Manufacturers 8916 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Max. Recommended Current:
Description
Current
Single conductor in free air @ 30C ambient. 39 amps
Put Ups and Colors:
Item #
Putup
Ship Weight
Color
Notes
Item Desc
8916 001100
100 FT
2.700 LB
BROWN
14 STR PVC BRN
8916 0014000
4,000 FT
80.000 LB
BROWN
C P
14 STR PVC BRN
8916 001500
500 FT
10.500 LB
BROWN
14 STR PVC BRN
8916 002100
100 FT
2.700 LB
RED
14 STR PVC RED
8916 0024000
4,000 FT
80.000 LB
RED
C P
14 STR PVC RED
8916 002500
500 FT
10.500 LB
RED
14 STR PVC RED
8916 003100
100 FT
2.700 LB
ORANGE
14 STR PVC ORG
8916 003500
500 FT
10.500 LB
ORANGE
14 STR PVC ORG
8916 004100
100 FT
2.700 LB
YELLOW
14 STR PVC YEL
8916 004500
500 FT
10.500 LB
YELLOW
14 STR PVC YEL
8916 005100
100 FT
2.700 LB
GREEN, DARK
14 STR PVC D GRN
8916 0054000
4,000 FT
80.000 LB
GREEN, DARK
C P
14 STR PVC DGRN
8916 005500
500 FT
10.500 LB
GREEN, DARK
14 STR PVC D GRN
8916 007500
500 FT
10.500 LB
VIOLET
P
'14 STR PVC VIO
8916 008500
500 FT
10.500 LB
GRAY
P
#14 STR PVC GRY
8916 009100
100 FT
2.700 LB
WHITE
14 STR PVC WHT
8916 009500
500 FT
10.500 LB
WHITE
14 STR PVC WHT
8916 010100
100 FT
2.700 LB
BLACK
14 STR PVC BLK
8916 0104000
4,000 FT
80.000 LB
BLACK
C
#14 STR PVC BLK
8916 010500
500 FT
10.500 LB
BLACK
14 STR PVC BLK
8916 013100
100 FT
2.700 LB
BLUE, DARK
14 STR PVC D BLU
8916 013500
500 FT
10.500 LB
BLUE, DARK
14 STR PVC D BLU
8916 189100
100 FT
2.700 LB
GREEN/YELLOW
A
14 STR PVC GRN/YEL
8916 189500
500 FT
10.500 LB
GREEN/YELLOW
A
14 STR PVC GRN/YEL
Notes:
A = STOCKED STRIPE COLORS.
C = CRATE REEL PUT-UP.
P = STRIPE COLORS ON STOCK SOLID COLORS. STRIPING ADDER OF $8.00/M' FOR1 OR 2 STRIPES. 10000' MINIMUM ORDER FOR COLOR COMBINATION.PUT-UP WILL BE
SUBJECT TO TWO PIECES (+ OR -) 10% PER SPOOL
Revision Number: 1
Revision Date: 04-23-2013
© 2015 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described herein are subject to error or omission and to
change without notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for
any damages (including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether
in an action under contract, negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with EU RoHS (Directive 2002/95/EC, 27-Jan-2003). Material manufactured prior to the compliance date may be in stock at Belden facilities
and in our Distributor’s inventory. The information provided in this Product Disclosure, and the identification of materials listed as reportable or restricted within the Product Disclosure, is
correct to the best of Belden’s knowledge, information, and belief at the date of its publication. The information provided in this Product Disclosure is designed only as a general guide for the
safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. This Product Disclosure is not to be considered a warranty or quality specification.
Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and regulations based on their individual usage of the
product.
Belden declares this product to be in compliance with EU LVD (Low Voltage Directive 73/23/EEC), as amended by directive 93/68/EEC.
Page 2 of 2
01-09-2015
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
8916 Hook-up/Lead - UL AWM Style 1015



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com