Electronic Components Datasheet Search
  English  ▼

X  

2SK1876 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SK1876
Description  Low on-resistance
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SK1876 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SK1876 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SK1876 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
isc N-Channel MOSFET Transistor
2SK1876
DESCRIPTION
·Drain Current ID= 10A@ TC=25℃
·Drain Source Voltage
: VDSS= 450V(Min)
·Fast Switching Speed
·Low on-resistance
·For switchinggregulator,DC-DC Converter
APPLICATIONS
·High speed power switching
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage (VGS=0)
450
V
VGS
Gate-Source Voltage
±30
V
ID
Drain Current-continuous@ TC=25℃
10
A
Ptot
Total Dissipation@TC=25℃
80
W
Tj
Max. Operating Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃
·THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance, Junction to Case
1.56
℃/W
Rth j-a
Thermal Resistance, Junction to Ambient
75
℃/W
PDF pdfFactory Pro
www.fineprint.cn


Similar Part No. - 2SK1876

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK187 HITACHI-2SK187 Datasheet
622Kb / 4P
SILICON N-CHANNEL JUNCTION FET LOW FREQUECY LOW NOISE AMPLIFIER
logo
Inchange Semiconductor ...
2SK1871 ISC-2SK1871 Datasheet
345Kb / 2P
isc N-Channel MOSFET Transistor
logo
Toshiba Semiconductor
2SK1875 TOSHIBA-2SK1875 Datasheet
169Kb / 3P
N CHANNEL JUNCTION TYPE (HIGH, AM HIGH, AUDIO FREQUENCY AMPLIFIER APPLICATIONS)
2SK1875 TOSHIBA-2SK1875 Datasheet
533Kb / 5P
N CHANNEL JUNCTION TYPE (HIGH, AM HIGH, AUDIO FREQUENCY AMPLIFIER APPLICATIONS)
2SK1875 TOSHIBA-2SK1875 Datasheet
256Kb / 5P
High Frequency Amplifier Applications AM High Frequency Amplifier Applications Audio Frequency Amplifier Applications
More results

Similar Description - 2SK1876

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
AP83T03AGH-HF A-POWER-AP83T03AGH-HF_14 Datasheet
57Kb / 4P
Low On-resistance
AP0603GH-HF A-POWER-AP0603GH-HF_14 Datasheet
99Kb / 4P
Low On-resistance
AP2430GN3-HF A-POWER-AP2430GN3-HF_14 Datasheet
96Kb / 4P
Low On-resistance
AP2623GY-HF A-POWER-AP2623GY-HF_14 Datasheet
103Kb / 4P
Low On-resistance
AP4228GM-HF A-POWER-AP4228GM-HF_14 Datasheet
204Kb / 5P
Low On-resistance
AP9579GJ-HF A-POWER-AP9579GJ-HF_14 Datasheet
99Kb / 4P
Low On-resistance
AP9926GEO-HF A-POWER-AP9926GEO-HF_14 Datasheet
65Kb / 4P
Low On-resistance
logo
List of Unclassifed Man...
AUIRF1405 ETC2-AUIRF1405 Datasheet
217Kb / 12P
Low on-resistance
AUIRFL024N ETC2-AUIRFL024N Datasheet
213Kb / 11P
Low On-Resistance
AUIRF7478Q ETC2-AUIRF7478Q Datasheet
217Kb / 11P
Low On-Resistance
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com