Electronic Components Datasheet Search
  English  ▼

X  

9182 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 9182
Description  22 AWG stranded (19x34) tinned copper conductors, Datalene insulation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9182 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  9182 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9182 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9182 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
For more Information
please call
1-800-Belden1
General Description:
22 AWG stranded (19x34) tinned copper conductors, Datalene® insulation, Duofoil® (100% Coverage)
plus a stranded tinned copper drain wire, PVC jacket.
Physical Characteristics (Overall)
Conductor
AWG:
# Pairs AWG Stranding Conductor Material Dia. (mm)
1
22
19x34
TC - Tinned Copper 0.7874
Total Number of Conductors:
2
Insulation
Insulation Material:
Insulation Trade Name Insulation Material
Datalene®
FHDPE - Foam High Density Polyethylene
Outer Shield
Outer Shield Material:
Outer Shield Trade Name Type Outer Shield Material
Coverage (%)
Duofoil®
Tape Aluminum Foil-Polyester Tape-Aluminum Foil 100
Outer Shield Drain Wire AWG:
AWG Stranding Drain Wire Conductor Material
22
19x34
TC - Tinned Copper
Outer Shield Drain Wire Diameter:
.031
Outer Jacket
Outer Jacket Material:
Outer Jacket Material
PVC - Polyvinyl Chloride
Overall Cable
Overall Nominal Diameter:
8.763 mm
Pair
Pair Color Code Chart:
Number Color
1
Black & Yellow
Pair Lay Length & Direction:
Lay Length (cm) Lay Length Twists (twist/m)
7.62
13.124
Mechanical Characteristics (Overall)
Operating Temperature Range:
-20°C To +60°C
Bulk Cable Weight:
61.016 Kg/Km
Max. Recommended Pulling Tension:
124.550 N
Min. Bend Radius/Minor Axis:
88.900 mm
Page 1 of 3
10-30-2013
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
9182 Twinax - Twinaxial Cable


Similar Part No. - 9182

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9182 ETC2-9182 Datasheet
2Mb / 6P
Single and dual output models with up to 210W output power
logo
B&K Precision Corporati...
9182 BK-9182 Datasheet
2Mb / 6P
Programmable Dual-Range DC Power Supplies
logo
Heyco.
9182 HEYCO-9182 Datasheet
105Kb / 1P
Countersunk Type H Rivets
logo
Molex Electronics Ltd.
91821-0001 MOLEX-91821-0001 Datasheet
106Kb / 2P
Picoflex짰 Discrete Wire
91821-0003 MOLEX-91821-0003 Datasheet
106Kb / 2P
Picoflex짰 Discrete Wire
More results

Similar Description - 9182

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1344818 ETC2-1344818 Datasheet
99Kb / 3P
22 AWG stranded (7x30) tinned copper conductors, PVC insulation
1345874 ETC2-1345874 Datasheet
101Kb / 3P
22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
1346014 ETC2-1346014 Datasheet
102Kb / 3P
24 AWG stranded (7x32) tinned copper conductors, Datalene insulation
1351271 ETC2-1351271 Datasheet
102Kb / 3P
22 AWG solid tinned copper conductors, twisted pairs, Datalene insulation
28473 ETC2-28473 Datasheet
34Kb / 4P
22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
1351642 ETC2-1351642 Datasheet
103Kb / 4P
24 AWG stranded (7x32) tinned copper conductors, Datalene insulation
1691983 ETC2-1691983 Datasheet
104Kb / 3P
22 AWG stranded (7x30) tinned copper conductors, Datalene insulation
9729 ETC2-9729 Datasheet
101Kb / 3P
24 AWG stranded (7x32) tinned copper conductors, Datalene insulation
8723NH ETC2-8723NH Datasheet
113Kb / 3P
22 AWG stranded (7x30) tinned copper conductors, polypropylene insulation
1350SB ETC2-1350SB Datasheet
101Kb / 3P
24 AWG stranded (7x32) tinned copper conductors, Datalene insulation
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com