Electronic Components Datasheet Search
  English  ▼

X  

9221 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 9221
Description  30 AWG stranded (7x38) .012 tinned copper conductor, foam HDPE insulation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9221 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  9221 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9221 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Plenum/Non-Plenum
Plenum (Y/N):
No
Electrical Characteristics (Overall)
Nom. Characteristic Impedance:
Impedance (Ohm)
75
Nom. Inductance:
Inductance (µH/m)
0.318257
Nom. Capacitance Conductor to Shield:
Capacitance (pF/m)
56.7613
Nominal Velocity of Propagation:
VP (%)
78
Nominal Delay:
Delay (ns/m)
4.2653
Nom. Conductor DC Resistance:
DCR @ 20°C (Ohm/km)
328.1
Nominal Outer Shield DC Resistance:
DCR @ 20°C (Ohm/km)
38.2236
Nom. Attenuation:
Freq. (MHz) Attenuation (dB/100m)
1
2.2967
3.6
4.2653
5
5.2496
7
6.2339
9
6.8901
10
7.2182
50
16.7331
70
20.0141
100
23.9513
200
34.4505
400
50.8555
700
70.5415
900
81.3688
1000
87.2746
Max. Operating Voltage - UL:
Voltage
30 V RMS (UL AWM Style 1375)
Put Ups and Colors:
Item #
Putup
Ship Weight
Color
Notes
Item Desc
9221 010U500
500 FT
4.000 LB
BLACK
75 OHM MINIATURE COAX
9221 010100
100 FT
1.400 LB
BLACK
75 OHM MINIATURE COAX
9221 010500
500 FT
4.000 LB
BLACK
75 OHM MINIATURE COAX
Revision Number: 1
Revision Date: 10-04-2012
© 2015 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications described herein are subject to error or omission and to
change without notice, and the listing of such information and specifications does not ensure product availability.
Belden provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express, statutory or implied. In no event will Belden be liable for
any damages (including consequential, indirect, incidental, special, punitive, or exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether
in an action under contract, negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with EU RoHS (Directive 2002/95/EC, 27-Jan-2003). Material manufactured prior to the compliance date may be in stock at Belden facilities
and in our Distributor’s inventory. The information provided in this Product Disclosure, and the identification of materials listed as reportable or restricted within the Product Disclosure, is
correct to the best of Belden’s knowledge, information, and belief at the date of its publication. The information provided in this Product Disclosure is designed only as a general guide for the
safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. This Product Disclosure is not to be considered a warranty or quality specification.
Regulatory information is for guidance purposes only. Product users are responsible for determining the applicability of legislation and regulations based on their individual usage of the
product.
Belden declares this product to be in compliance with EU LVD (Low Voltage Directive 73/23/EEC), as amended by directive 93/68/EEC.
Page 2 of 2
01-09-2015
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
9221 Coax - 75 Ohm Miniature Coax



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com