Electronic Components Datasheet Search
  English  ▼

X  

9731 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 9731
Description  24 AWG stranded (7x32) TC conductors, Datalene insulation
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

9731 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  9731 Datasheet HTML 1Page - List of Unclassifed Manufacturers 9731 Datasheet HTML 2Page - List of Unclassifed Manufacturers 9731 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Ind. Pair Nominal Shield DC Resistance @ 20
Deg. C:
49.215 Ohm/km
Nom. Attenuation:
Freq. (MHz) Attenuation (dB/100m)
.384
2.42794
.7056
2.85447
.768
2.88728
1.024
3.08414
1.4112
3.31381
1.536
3.37943
2.048
3.70753
2.8224
4.23249
3.072
4.42935
4.096
5.15117
5.6448
5.84018
6.144
6.03704
8.192
6.98853
11.2896
8.03845
12.288
8.43217
24.576
11.7132
Max. Operating Voltage - UL:
Voltage
300 V RMS
Max. Recommended Current:
Current
2.5 Amps per conductor @ 25°C
Notes (Overall)
Notes: Datalene® insulation features include low dielectric constant and a dissipation factor for high-speed, low-distortion data
handling. Physical properties include good crush resistance and light weight.
Put Ups and Colors:
Item #
Putup
Ship Weight
Color
Notes
Item Desc
9731 060100
30 MT
4.128 KG
CHROME
C
6 FS PR #24 FHDPE PVC
9731 0601000
305 MT
37.648 KG
CHROME
C
6 FS PR #24 FHDPE PVC
9731 060500
152 MT
19.051 KG
CHROME
C
6 FS PR #24 FHDPE PVC
9731 0605000
1,524 MT
197.314 KG
CHROME
6 FS PR #24 FHDPE PVC
Notes:
C = CRATE REEL PUT-UP.
Revision Number: 2
Revision Date: 09-28-2012
© 2013 Belden, Inc
All Rights Reserved.
Although Belden makes every reasonable effort to ensure their accuracy at the time of this publication, information and specifications
described herein are subject to error or omission and to change without notice, and the listing of such information and specifications does not
ensure product availability.
Belden provides the information and specifications herein on an "AS IS" basis, with no representations or warranties, whether express,
statutory or implied. In no event will Belden be liable for any damages (including consequential, indirect, incidental, special, punitive, or
exemplary damages) whatsoever, even if Belden has been advised of the possibility of such damages, whether in an action under contract,
negligence or any other theory, arising out of or in connection with the use, or inability to use, the information or specifications described herein.
All sales of Belden products are subject to Belden's standard terms and conditions of sale.
Belden believes this product to be in compliance with EU RoHS (Directive 2002/95/EC, 27-Jan-2003). Material manufactured prior to the
compliance date may be in stock at Belden facilities and in our Distributor’s inventory. The information provided in this Product Disclosure, and
the identification of materials listed as reportable or restricted within the Product Disclosure, is correct to the best of Belden’s knowledge,
information, and belief at the date of its publication. The information provided in this Product Disclosure is designed only as a general guide
for the safe handling, storage, and any other operation of the product itself or the one that it becomes a part of. This Product Disclosure is not
to be considered a warranty or quality specification. Regulatory information is for guidance purposes only. Product users are responsible for
determining the applicability of legislation and regulations based on their individual usage of the product.
Belden declares this product to be in compliance with EU LVD (Low Voltage Directive 73/23/EEC), as amended by directive 93/68/EEC.
Page 3 of 3
10-30-2013
Detailed Specifications & Technical Data
METRIC MEASUREMENT VERSION
9731 Multi-Conductor - Multi-Pair Snake Cable



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com