Electronic Components Datasheet Search
  English  ▼

X  

39116 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 39116
Description  16 AWG stranded (26x30) tinned copper conductor, PPO insulation
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

39116 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  39116 Datasheet HTML 1Page - List of Unclassifed Manufacturers 39116 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
For more Information
please call
1-800-Belden1
General Description:
16 AWG stranded (26x30) tinned copper conductor, PPO insulation. Rated 105ºC, 600V. Rated 2500V
peak for electronic circuits, and internal wiring of electronic and electrical equipment
Usage (Overall)
Suitable Applications:
Electrical panel builders, Electrical/electronic manufacturers, Appliance manufacturers, Furniture,
Computer manufacturers, Automotive companies and their sub-suppliers
Physical Characteristics (Overall)
Conductor
AWG:
# Conductors AWG Stranding Conductor Material
1
16
26x30
TC - Tinned Copper
Total Number of Conductors:
1
Insulation
Insulation Material:
Insulation Material
Wall Thickness (in.)
PPO - Polyphenylene Oxide 0.012
Overall Insulation
Overall Cable
Overall Nominal Diameter:
0.083 in.
Mechanical Characteristics (Overall)
Operating Temperature Range:
-40°C To +105°C Dry
Bulk Cable Weight:
10 lbs/1000 ft.
Applicable Specifications and Agency Compliance (Overall)
Applicable Standards & Environmental Programs
UL Rating:
600 V, 105°C
UL Type:
AWM 11028
EU Directive 2011/65/EU (ROHS II):
Yes
EU CE Mark:
Yes
EU Directive 2000/53/EC (ELV):
Yes
EU Directive 2002/95/EC (RoHS):
Yes
EU RoHS Compliance Date (mm/dd/yyyy):
04/01/2011
EU Directive 2002/96/EC (WEEE):
Yes
EU Directive 2003/11/EC (BFR):
Yes
CA Prop 65 (CJ for Wire & Cable):
Yes
MII Order #39 (China RoHS):
Yes
Flame Test
UL Flame Test:
VW-1
Plenum/Non-Plenum
Plenum (Y/N):
No
Electrical Characteristics (Overall)
Nom. Conductor DC Resistance:
DCR @ 20°C (Ohm/1000 ft)
3.700
Max. Operating Voltage - UL:
Voltage
Page 1 of 2
01-09-2015
Detailed Specifications & Technical Data
ENGLISH MEASUREMENT VERSION
39116 Hook-up/Lead - PPO Hook-up Wire 600V, 105°C AWM Style 11034


Similar Part No. - 39116

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
39116 ETC2-39116 Datasheet
46Kb / 1P
Plastek Storage Containers
39116 ETC2-39116 Datasheet
46Kb / 1P
Plastek Storage Containers
logo
Belden Inc.
39116 BELDEN-39116 Datasheet
166Kb / 2P
Lead Wire, #16 Str TC, PPO Ins, AWM 11028
01-20-2023
39116-001100 BELDEN-39116-001100 Datasheet
166Kb / 2P
Lead Wire, #16 Str TC, PPO Ins, AWM 11028
01-20-2023
39116-0011000 BELDEN-39116-0011000 Datasheet
166Kb / 2P
Lead Wire, #16 Str TC, PPO Ins, AWM 11028
01-20-2023
More results

Similar Description - 39116

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1344173 ETC2-1344173 Datasheet
97Kb / 2P
18 AWG stranded (16x30) tinned copper conductor, PVC insulation
1344544 ETC2-1344544 Datasheet
100Kb / 3P
22 AWG stranded (7x30) tinned copper conductor, polypropylene insulation
1344562 ETC2-1344562 Datasheet
95Kb / 2P
12 AWG stranded (65x30) tinned copper conductor, PVC insulation
28480 ETC2-28480 Datasheet
33Kb / 3P
22 AWG stranded (7x30) tinned copper conductor, polypropylene insulation
1351870 ETC2-1351870 Datasheet
101Kb / 3P
22 AWG stranded (7x30) tinned copper conductor, polypropylene insulation
1682714 ETC2-1682714 Datasheet
104Kb / 3P
14 AWG stranded (41x30) tinned copper conductor, PPO insulation
1682722 ETC2-1682722 Datasheet
104Kb / 3P
18 AWG stranded (16x30) tinned copper conductor, PPO insulation
1682733 ETC2-1682733 Datasheet
104Kb / 3P
22 AWG stranded (7x30) tinned copper conductor, PPO insulation
8916 ETC2-8916 Datasheet
99Kb / 2P
14 AWG stranded (41x30) tinned copper conductor, PVC insulation
9918 ETC2-9918 Datasheet
100Kb / 2P
18 AWG stranded (16x30) tinned copper conductor, PVC insulation
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com