Electronic Components Datasheet Search
  English  ▼

X  

SC51-2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SC51-2
Description  Diamond Bonding and Grounding Hardware
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SC51-2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SC51-2 Datasheet HTML 1Page - List of Unclassifed Manufacturers SC51-2 Datasheet HTML 2Page - List of Unclassifed Manufacturers SC51-2 Datasheet HTML 3Page - List of Unclassifed Manufacturers SC51-2 Datasheet HTML 4Page - List of Unclassifed Manufacturers SC51-2 Datasheet HTML 5Page - List of Unclassifed Manufacturers SC51-2 Datasheet HTML 6Page - List of Unclassifed Manufacturers SC51-2 Datasheet HTML 7Page - List of Unclassifed Manufacturers SC51-2 Datasheet HTML 8Page - List of Unclassifed Manufacturers SC51-2 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
29
A BELDEN BRAND
Customer Support:
800.800.6652
www.ppc-online.com
Diamond
® Bonding and Grounding Hardware
Bonding Clamps
Bonding Connector for Meter Pan (CATV Applications)
Part Number
Description
Inner
Pack
Outer
Pack
SC51-1
For #10/12/14 AWG Copper Ground Wire.
Made of G90 Galvanize Steel + Trivalent
Chromate
--
100
• Meter pan connector designed to provide a bonding connection between the
metallic frame of a meter pan and a copper ground wire.
• Its unique design allows a fixed and positive mechanical contact without
interfering with the opening of the meter pan front cover.
• Tighten screws to 20 in. lbs. torque.
Installation:
1. The tip of the stainless steel mounting screw
is shaped to remove the paint at the point of
contact, thus ensuring positive metal-to-metal
contact with the top of the meter panel. (Always
ensure that the bonding surface is cleaned of
excess paint or rust before mounting the SC51-
1 connector.) For heavily corrosive or marine
environments. use of “RTV” silicone sealer is
recommended at the contact point, between the
screw tip and the top of the meter pan.
2. Back the bolt and nut from the connector enough
to allow it to mount on one of the corner folds of
the metal meter pan back corners.
3. Install the connector with the bottom edges
gripping on the bottom fold of the fixed top
cover of the metal meter pan.
Under no
circumstances is the bonding connector to be
mounted on the front cover or any movable
part of the metal meter pan. Tighten the bolt
securely by applying sufficient torque (20 inch
pound) to ensure a firm and positive connection
on the metal meter pan.
4. Remove one inch of insulation from copper
ground wire, use caution to avoid scoring or
damaging ground wire. Insert grounding wire
between washer and grounding nut. Wrap ground
wire clockwise between washer and ground nut.
Insure that slot in grounding washer is aligned
with ground wire. Tighten grounding nut with
CNW6 tool to secure ground wire. Do not over
tighten. Double check that the grounding bolt is
still firmly tight on the metal meter pan enclosure.
If not, tighten it one quarter turn.
Recommended for usage when no other
approved grounding electrode is accessible.
Bonding &
Grounding
Hardware


Similar Part No. - SC51-2

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
SC510 ZOWIE-SC510 Datasheet
51Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
SC510070 SANKEN-SC510070 Datasheet
33Kb / 1P
Silicon NPN Triple Diffused Planar Transistor
logo
SYNERGY MICROWAVE CORPO...
SC5100BD SYNERGY-SC5100BD Datasheet
373Kb / 3P
BI-DIRECTIONAL COUPLER
logo
List of Unclassifed Man...
SC5104 ETC1-SC5104 Datasheet
500Kb / 8P
64K X 4 BiCMOS ECL I/O STATIC RAM
logo
Silan Microelectronics ...
SC5104 SILAN-SC5104 Datasheet
528Kb / 7P
FAN REMOTE CONTROL ENCODER
More results

Similar Description - SC51-2

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KS57P2316 SAMSUNG-KS57P2316 Datasheet
49Kb / 4P
BONDING DIAGRAM
logo
Tyco Electronics
33461 MACOM-33461 Datasheet
662Kb / 60P
SOLISTRAND, Budget and DIAMOND GRIP
logo
List of Unclassifed Man...
1344171 ETC2-1344171 Datasheet
93Kb / 2P
Shielding and Bonding Cable.
1345387 ETC2-1345387 Datasheet
93Kb / 2P
Shielding and Bonding Cable.
1351630 ETC2-1351630 Datasheet
92Kb / 2P
Shielding and Bonding Cable.
1351692 ETC2-1351692 Datasheet
93Kb / 2P
Shielding and Bonding Cable
logo
Central Semiconductor C...
CBR1F CENTRAL-CBR1F Datasheet
664Kb / 3P
Inventory bonding
logo
3M Electronics
08641 3M-08641 Datasheet
19Kb / 4P
Automix™ Channel Bonding and Sidelite Adhesive
26-May-1999
logo
IDEAL-TEK SA
2.SA.DC.0 IDEAL-TEK-2.SA.DC.0 Datasheet
523Kb / 1P
High Precision - Diamond Tip Tweezers
2A.SA.DC.0 IDEAL-TEK-2A.SA.DC.0 Datasheet
522Kb / 1P
High Precision - Diamond Tip Tweezers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com