Electronic Components Datasheet Search
  English  ▼

X  

40-20001 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # 40-20001
Description  Diamond Bonding and Grounding Hardware
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

40-20001 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

  40-20001 Datasheet HTML 1Page - List of Unclassifed Manufacturers 40-20001 Datasheet HTML 2Page - List of Unclassifed Manufacturers 40-20001 Datasheet HTML 3Page - List of Unclassifed Manufacturers 40-20001 Datasheet HTML 4Page - List of Unclassifed Manufacturers 40-20001 Datasheet HTML 5Page - List of Unclassifed Manufacturers 40-20001 Datasheet HTML 6Page - List of Unclassifed Manufacturers 40-20001 Datasheet HTML 7Page - List of Unclassifed Manufacturers 40-20001 Datasheet HTML 8Page - List of Unclassifed Manufacturers 40-20001 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
37
A BELDEN BRAND
Customer Support:
800.800.6652
www.ppc-online.com
Diamond
® Bonding and Grounding Hardware
Mechanical - Grounding Connectors and Clamps
Trailer Ground Clamp
• 7/16” tin plated hex head bolt installs with terminal wrench or crescent wrench.
Square head bolt allows clamp to be installed with pliers.
• Ground wire hole access from four directions minimizes having to bend ground wire.
• Designed so ground wire may be installed on clamp prior to mounting the clamp on
metal frame, reducing installation time.
• Beam and ground wire connection can be separately tightened without disconnect
integrity of ground circuit.
• High strength copper alloy CDA956 (91% nominal) providing greater conductivity,
durability and excellent corrosion resistant characteristics without reliance on plating.
• High strength anchoring bolt penetrates paint.
• Bolts are electro-galvanized. Blade-type ground wire screw
is tin-plated.
Part Number
Bolt Type
Unit
Quantity
Standard
Package
TGCDS
Square Head - 15/16" - 18UNC Bolt
25
100
TGCHDS
Slotted Screw Head - 5/16" - 24UNF
25
25
Bonding &
Grounding
Hardware



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com