Electronic Components Datasheet Search
  English  ▼

X  

IBT1 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # IBT1
Description  Diamond Bonding and Grounding Hardware
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

IBT1 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  IBT1 Datasheet HTML 1Page - List of Unclassifed Manufacturers IBT1 Datasheet HTML 2Page - List of Unclassifed Manufacturers IBT1 Datasheet HTML 3Page - List of Unclassifed Manufacturers IBT1 Datasheet HTML 4Page - List of Unclassifed Manufacturers IBT1 Datasheet HTML 5Page - List of Unclassifed Manufacturers IBT1 Datasheet HTML 6Page - List of Unclassifed Manufacturers IBT1 Datasheet HTML 7Page - List of Unclassifed Manufacturers IBT1 Datasheet HTML 8Page - List of Unclassifed Manufacturers IBT1 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
30
www.ppc-online.com
Customer Support:
800.800.6652
A BELDEN BRAND
A BELDEN BRAND
Bonding Connector for Meter Pan (CATV Applications)
• Meter pan connector designed to provide a bonding connection between the metallic
frame of a meter pan and a copper ground wire.
• Its unique design allows a fixed and positive mechanical contact without
interfering with the opening of the meter pan front cover.
• Tighten screws to 20 in. lbs. torque.
Part Number
Description
Inner
Pack
Outer
Pack
SC51-CF
Meter Pan Connector. For #10/12/14AWG Copper Ground Wire. Made
of Stainless Steel.
--
100
SC51CF-81
Meter Pan Ground Block for Coaxial Cable with F81 connector. For
#10/12/14AWG Copper Ground Wire. Made of Stainless Steel
--
100
SC51CFKF81 Meter Pan Ground Block for Coaxial Cable with F81 connector. For
#10/12/14AWG Copper Ground Wire. Made of Stainless Steel
--
100
Bonding Connector for Meter Pan (Telephone Applications)
Part Number Description
Inner
Pack
Outer
Pack
SC51-1T
Meter Pan Corner Bonding Connector for #14 to #10 AWG Copper
Ground Wire. Connector made of G90 Galvanize Steel + Trivalent
Chromate.
--
100
SC51-2
Meter Pan Corner Bonding Connector for #6AWG Copper Ground Wire.
Made of G90 Galvanize Steel + Trivalent Chromate
--
100
SC51CF-85 Meter Pan Bonding Connector for #6AWG Copper Ground Wire. Made of
Stainless Steel
--
100
Diamond
® Bonding and Grounding Hardware
Bonding Clamps
SC51-CF
SC51CFKF81
SC51-2
SC51CF-85
Meter Box Ground Clamp
Part Number
Description
Clamp
Range
Inner
Pack
Outer
Pack
40-20000
Meter Box Ground Clamp (S), #12-16 AWG
6.5"-10.5"
--
50
40-20001
Meter Box Ground Clamp (L), #12-16 AWG
11.5"-15.5"
--
50
40-20002
Meter Box Ground Clamp (S), #14-6 AWG
6.5"-10.5"
1*
5
40-20003
Meter Box Ground Clamp (S), #14-6 AWG
11.5"-15.5"
1*
5
40-20004
Meter Box Ground Clamp (S), #14-6 AWG
15.5"-21.5"
1*
5
IBT1
Meter Box Ground Clamp (S), #14-6 AWG
6.5"-10.5"
1*
5
IBT2
Meter Box Ground Clamp (S), #14-6 AWG
15.5"-21.5"
1*
5
• Provides a convenient, quick installation of a reliable ground or bond for drops.
• 2 adjustable sizes: 6-1/2” to 10-1/2”, 11-1/2” to 15-1/2”.
• Stainless steel bolts, screw and washer.
• Mechanically galvanized ASTM B695.
• UL Listed.
• Will not restrict cover operation.
• Tighten screws to 20 in. lbs. torque.
* Packages of 10 pieces each package.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com