Electronic Components Datasheet Search
  English  ▼

X  

SC19-1 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SC19-1
Description  Drop Wire Clamps for CATV and Telephone Cable
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SC19-1 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SC19-1 Datasheet HTML 4Page - List of Unclassifed Manufacturers SC19-1 Datasheet HTML 5Page - List of Unclassifed Manufacturers SC19-1 Datasheet HTML 6Page - List of Unclassifed Manufacturers SC19-1 Datasheet HTML 7Page - List of Unclassifed Manufacturers SC19-1 Datasheet HTML 8Page - List of Unclassifed Manufacturers SC19-1 Datasheet HTML 9Page - List of Unclassifed Manufacturers SC19-1 Datasheet HTML 10Page - List of Unclassifed Manufacturers SC19-1 Datasheet HTML 11Page - List of Unclassifed Manufacturers SC19-1 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
13
A BELDEN BRAND
Customer Support:
800.800.6652
www.ppc-online.com
Diamond
® Drop Hardware
Hooks
Drop Wire Hook (Ram's Horn)
• Used to attach bail wire type drop wire clamp to building.
• Mechanically galvanized ASTMB695.
"Omni" House Hook
• Omni house hook used to dead-end a messengered drop cable at the house.
• Retainer provides a 1” diameter wrap to messenger steel wire keeping the messenger
intact for bonding at the ground block.
• Mechanically galvanized ASTM B695.
Part Number Description
Inner
Pack
Outer
Pack
SC26-1
Omni Directional Signal Retainer
--
100
SC26-1L
Omni Directional Signal Retainer - Extra Long
--
100
"P" House Hook
• Used to secure coaxial cable drop installations at the building.
• Accepts bailwire dropwire clamps, wire grips or messenger wraps.
• Mechanically galvanized steel ASTM B695.
Part Number
Description
Inner
Pack
Outer
Pack
30-01732
Ram's Horn Type Drop Wire Hook
50
600
Drop
Hardware
Part Number Description
Overall
Length
(inches)
Screw
Diameter
(inches)
Inner
Pack
Outer
Pack
31-00809
Regular House Hook
3-3/4
1/4
--
200
31-10809
Long House Hook
4-1/2
1/4
--
200
31-00800
Wrench P House Hook
3-3/4
1/4
*
*
31-00801
Wrench P House Hook
4-1/2
1/4
*
*
* ( Ask PPC/Belden Representative ).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com