Electronic Components Datasheet Search
  English  ▼

X  

ALT5020P9 Datasheet(PDF) 3 Page - ANADIGICS, Inc

Part # ALT5020P9
Description  High Efficiency UMTS E800 (Band 20) LTE Linear PAM
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ALT5020P9 Datasheet(HTML) 3 Page - ANADIGICS, Inc

  ALT5020P9 Datasheet HTML 1Page - ANADIGICS, Inc ALT5020P9 Datasheet HTML 2Page - ANADIGICS, Inc ALT5020P9 Datasheet HTML 3Page - ANADIGICS, Inc ALT5020P9 Datasheet HTML 4Page - ANADIGICS, Inc ALT5020P9 Datasheet HTML 5Page - ANADIGICS, Inc ALT5020P9 Datasheet HTML 6Page - ANADIGICS, Inc ALT5020P9 Datasheet HTML 7Page - ANADIGICS, Inc ALT5020P9 Datasheet HTML 8Page - ANADIGICS, Inc ALT5020P9 Datasheet HTML 9Page - ANADIGICS, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
advanced product information - rev 0.0
09/2013
ALT5020
eLecTricAL cHArAcTeriSTicS
Table 2: Absolute minimum and maximum ratings
Functional operation to the specified performance is not implied under these conditions.
operation of any single parameter in excess of the absolute ratings may cause permanent
damage. no damage occurs if one parameter is set at the limit while all other parameters
are set within normal operating ranges.
Table 3: operating ranges
The device may be operated safely over these conditions; however, parametric performance is guaranteed only
over the conditions defined in the electrical specifications.
Notes:
(1) For operation at Vcc = +3.1 V, Pout is derated by 0.8 dB.
(2) For operation at 105 °C, POUT is derated by 1.0 dB.
(3) LTE waveform characteristics up to 20 MHz QPSK, 18 RB’s.
pArAmeTer
min
TYp
mAX
uniT
commenTS
Operating Frequency (f)
832
-
862
MHz
UMTS Band 20
Supply Voltage (VCC)
+0.6
+3.4
+4.4
V
POUT < +27.7 dBm
Battery Voltage (VBATT)
+3.1
+3.4
+4.4
V
POUT < +27.7 dBm
Enable Voltage (VENABLE)
+1.35
0
+1.8
0
+3.1
+0.5
V
PA “on”
PA “shut down”
Mode Control Voltage (VMODE1)
+1.35
0
+1.8
0
+3.1
+0.5
V
Low Bias Mode
High Bias Mode
RF Output Power (POUT) (1, 2, 3)
LTE, HPM
LTE, LPM
26.9
-
27.7
16
-
-
dBm
TS 36.101 Rel 8 for LTE
Case Temperature (TC)
-30
-
+90
°C
pArAmeTer
min
TYp
mAX
uniT
RF Input (PIN)
-
0
10
dBm
VCC
0
3.4
5
V
VBATT
0
3.4
6
V
Control Voltage (VENABLE, VMODE)
0
1.8
3.5
V
Storage Temperature (TSTORAGE)
-40
25
150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com