Electronic Components Datasheet Search
  English  ▼

X  

AWB7122P9 Datasheet(PDF) 2 Page - ANADIGICS, Inc

Part # AWB7122P9
Description  1805 MHz to 1880 MHz Small-Cell Power Amplifier Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

AWB7122P9 Datasheet(HTML) 2 Page - ANADIGICS, Inc

  AWB7122P9 Datasheet HTML 1Page - ANADIGICS, Inc AWB7122P9 Datasheet HTML 2Page - ANADIGICS, Inc AWB7122P9 Datasheet HTML 3Page - ANADIGICS, Inc AWB7122P9 Datasheet HTML 4Page - ANADIGICS, Inc AWB7122P9 Datasheet HTML 5Page - ANADIGICS, Inc AWB7122P9 Datasheet HTML 6Page - ANADIGICS, Inc AWB7122P9 Datasheet HTML 7Page - ANADIGICS, Inc AWB7122P9 Datasheet HTML 8Page - ANADIGICS, Inc AWB7122P9 Datasheet HTML 9Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
DATA SHEET - Rev 2.3
05/2015
AWB7122
Figure 2: Pinout (X-ray Top View)
Table 1: Pin Description
GND
RFOUT
RFIN
GND
1
10
2
3
4
5
6
9
8
7
VCC1
GND
GND
GND
GND
GND
14
13
12
11
VREF
VDET
VCC2
GND
GND
PIN
NAME
DESCRIPTION
1VREF
Reference Voltage
2GND
Ground
3GND
Ground
4VCC1
Supply Voltage
5RFIN
RF Input
6GND
Ground
7VDET
Detector Voltage
8GND
Ground
9GND
Ground
10
GNDGround
11
VCC2
Supply Voltage
12
RFOUT
RF Output
13
GNDGround
14
GNDGround



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com