Electronic Components Datasheet Search
  English  ▼

X  

2SD288 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # 2SD288
Description  Silicon NPN Power Ttransistors
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

2SD288 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  2SD288 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Parameter
Symbol
Value
Unit
Collector-Base Voltage
V
CBO
80
V
Collector-Emitter Voltage
V
CEO
55
V
Emitter-Base Voltage
V
EBO
6.0
V
Collector Current
I
C
3.0
A
Base Current
I
B
0.3
A
Total Dissipation at
P
tot
25
W
Max. Operating Junction Temperature
T
j
150
oC
Storage Temperature
T
stg
-55~150
oC
2SD288
APPLICATIONS
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Collector Cut-off Current
I
CEO
V
CB=55V, IE=0
—
—
10
uA
Emitter Cut-off Current
I
EBO
V
EB=6.0V, IC=0
—
—
10
uA
Collector-Emitter Sustaining Voltage
V
CEO
I
C=10mA, IB=0
55
—
—
V
DC Current Gain
h
FE
V
CE=5V, IC=0.5A
40
—
240
Collector-Emitter Saturation Voltage
V
CE(sat)
I
C=1.0A, IB=100mA
—
—
1.0
V
Base-Emitter Saturation Voltage
V
BE(sat)
I
C=1.0A, IB=100mA
—
—
1.5
V
Silicon NPN Power Ttransistors
Product specification
.Low frequency power amplifier
.Power regulator applications
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS ( Ta = 25 C)
O
( Ta = 25 C)
O
TO-220
TIGER ELECTRONIC CO.,LTD
hFE classifications
R
O
Y
40-80
70-140
120-240


Similar Part No. - 2SD288

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
2SD288 WINGS-2SD288 Datasheet
33Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR (LOW FREQUENCY POWER AMPLIFIER)
logo
Inchange Semiconductor ...
2SD288 ISC-2SD288 Datasheet
84Kb / 4P
Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD288 SAVANTIC-2SD288 Datasheet
114Kb / 4P
Silicon NPN Power Transistors
logo
Kwang Myoung I.S. CO.,L...
2SD288 KISEMICONDUCTOR-2SD288 Datasheet
4Mb / 2P
Silicon NPN Power Transistor
More results

Similar Description - 2SD288

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
2SB546A TGS-2SB546A Datasheet
132Kb / 1P
Complementary Silicon Power Ttransistors
2SD560 TGS-2SD560 Datasheet
71Kb / 1P
NPN Silicon Power Ttransistors
BD139 TGS-BD139 Datasheet
59Kb / 1P
Complementary Silicon Power Ttransistors
BUV48A TGS-BUV48A Datasheet
96Kb / 1P
NPN Silicon High Power Ttransistors
MJE3055T TGS-MJE3055T Datasheet
93Kb / 1P
Complementary Silicon Power Ttransistors
TIP31C TGS-TIP31C Datasheet
85Kb / 1P
Complementary Silicon Power Ttransistors
TIP41C TGS-TIP41C Datasheet
89Kb / 1P
Complementary Silicon Power Ttransistors
MJD31C TGS-MJD31C Datasheet
358Kb / 1P
Complementary Silicon Power Ttransistors
MJD41C TGS-MJD41C Datasheet
368Kb / 1P
Complementary Silicon Power Ttransistors
2SC3835Y TGS-2SC3835Y Datasheet
204Kb / 1P
Silicon NPN Switching Ttransistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com