Electronic Components Datasheet Search
  English  ▼

X  

610120249121 Datasheet(PDF) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 610120249121
Description  WR-PHD - 2.54MM PIN HEADER - SMT TYPE DOUBLE ROW RIGHT ANGLE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

610120249121 Datasheet(HTML) 2 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  610120249121 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 610120249121 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 610120249121 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
1
2
3
4
5
A
B
C
D
SIZE
A4
REV
DATE
FILE
BY
A
07-NOV-14
PDF
AS
B
C
D
E
F
G
APPROVAL: GM
UNIT: MM
DESCRIPTION:
SCALE:
SHEET: 2/3
WERI PART NO: 610 1xx 249 121
DRAW: AS
PROJECTION:
GENERAL TOLERANCE
.X = +/- 0.2
.XX = +/- 0.15
RoHS Compliant
WR-PHD - 2.54MM PIN HEADER - SMT TYPE
DOUBLE ROW RIGHT ANGLE



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com