Electronic Components Datasheet Search
  English  ▼

X  

2SC2812N Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # 2SC2812N
Description  2SA1179N
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

2SC2812N Datasheet(HTML) 2 Page - Sanyo Semicon Device

  2SC2812N Datasheet HTML 1Page - Sanyo Semicon Device 2SC2812N Datasheet HTML 2Page - Sanyo Semicon Device 2SC2812N Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SA1179N / 2SC2812N
No.7198-2/3
IT04195
IC -- VCE
コレクタ・エミッタ電圧, VCE -- V
0
--10
--20
--30
--40
--50
0
--4
--12
--8
--16
0
--80
--40
--120
--200
--160
--240
IT04197
IC -- VBE
ベース・エミッタ電圧, VBE -- V
0
--0.2
--0.4
--0.6
--0.8
--1.0
--1.2
IT04196
IC -- VCE
コレクタ・エミッタ電圧, VCE -- V
0
1020304050
0
4
8
16
12
20
IT04198
ベース・エミッタ電圧, VBE -- V
0
1.0
1.2
0.6
0.8
0.4
0.2
0
120
160
200
240
80
40
IC -- VBE
IB=0
--5
µA
--10µA
--15µA
--20µA
--25µA
--30µA
--35µA
--40µ
A
--45µ
A
--50µ
A
2SA1179N
2SA1179N
VCE= --6V
2SC2812N
VCE=6V
IB=0
5
µA
10
µA
15µA
20µA
25µA
30µA
35µA
40µA
45µA
50µA
2SC2812N
f T -- IC
コレクタ電流, IC -- mA
57
23
--1.0
57
23
--10
23
--100
7
100
5
3
7
5
3
2
IT04201
IT04199
 コレクタ電流, IC -- mA
57
3
2
--0.1
--1.0
57
3
2
--10
57
3
23
2
--100
1000
5
3
7
100
2
7
5
hFE -- IC
2SA1179N
VCE= --6V
2SA1179N
VCE= --6V
Ta=75
°C
--25
°C
25
°C
IT04200
 コレクタ電流, IC -- mA
57
3
2
0.1
57
3
2
1.0
57
3
2
10
3
2
100
1000
5
3
7
100
2
hFE -- IC
2SC2812N
VCE=6V
Ta=75
°C
--25
°C
25
°C
f T -- IC
コレクタ電流, IC -- mA
57
23
1.0
57
23
10
23
100
7
100
5
3
7
5
3
2
IT04202
2SC2812N
VCE=6V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com