Electronic Components Datasheet Search
  English  ▼

X  

FR151 Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # FR151
Description  Fast switching for high efficiency
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

FR151 Datasheet(HTML) 1 Page - Mospec Semiconductor

  FR151 Datasheet HTML 1Page - Mospec Semiconductor FR151 Datasheet HTML 2Page - Mospec Semiconductor FR151 Datasheet HTML 3Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MOSPEC
FR151
THRU FR157
FAST
RECOVERY
RECTIFIER
Voltage rang
50 TO 1000 Volts
Current
1 .5 Ampere
FEATURES
*
Fast switching for high efficiency
*
Glass Passivated Chip junction
*
Low leakage
*
High temperature soldering guaranteed
260℃/10 seconds, 0.375”(9.5 mm) lead length
at 5 lbs(2.3kg) tension
MECHANICAL DATA
*
Case:Transfer Molded Plastic
*
Epoxy: UL94V-O rate flame retardant
*
Terminals:Plated axial lead, Solderable Per MIL-STD-202
Method 208
*
Polarity:Color band denotes cathode end
*
Mounting position: Any
*
Weight: 0.014 ounce. 0.39 gram (approx)
DO-15
MILLIMETERS
DIM
MIN
MAX
A
2.60
3.60
B
25.40
---
C
5.80
7.60
D
0.70
0.90
MAXIMUM RATINGS AND ELECTRICAL CHARATERISTICS
* Rating at 25℃ ambient temperature unless otherwise specified
* Single phase,half wave. 60Hz, resistive or inductive load.
* For capacitive load derate current by 20 %
Characteristic
Symbol
FR151
FR152 FR153 FR154 FR155 FR156 FR157
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectifier Forward Current
Per Leg
TC=55℃
IF(AV)
1.5
A
Non-Repetitive Peak Surge Current (Surge
applied at rate load conditions halfware,
single phase, 60Hz)
IFSM
60
A
Maximum Instantaneous Forward Voltage
( IF =1.5 Amp TC = 25℃)
VF
1.3
V
Maximum Instantaneous Reverse Current
( Rated DC Voltage, TC = 25℃)
( Rated DC Voltage, TC = 125℃)
IR
5.0
200
uA
Reverse Recovery Time (Note 3)
Trr
150
250
500
ns
Typical Junction Capacitance (Note 1)
Cj
20
pF
Typical Thermal Resistance (Note 2)
Rθ jA
50
℃
/W
Operating and Storage Junction
Temperature Range
TJ , Tstg
-65 to +175
℃
NOTES:
1.Measured at 1.0MHz and applied reverse voltage of 4.0 volts
2.Thermal Resistance from Junction to ambient at .375”(9.5mm)lead length, P.C. board mounted
3.Test conditions: IF = 0.5 A, IR =1.0 , IRR=0.25 A


Similar Part No. - FR151

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
FR151 WTE-FR151 Datasheet
46Kb / 3P
1.5A FAST RECOVERY RECTIFIER
logo
Zowie Technology Corpor...
FR151 ZOWIE-FR151 Datasheet
47Kb / 2P
FAST RECOVERY RECTIFIER
logo
Rectron Semiconductor
FR151 RECTRON-FR151 Datasheet
24Kb / 2P
FAST RECOVERY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Amperes)
logo
Jinan Gude Electronic D...
FR151 JGD-FR151 Datasheet
136Kb / 2P
1.5 AMPS. FAST RECOVRY RECTIFIERS
logo
Bytes
FR151 BYTES-FR151 Datasheet
152Kb / 2P
1.5 AMP FAST RECOVERY RECTIFIERS
More results

Similar Description - FR151

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
1F1 DEC-1F1 Datasheet
961Kb / 2P
Fast switching for high efficiency
1N4933 DEC-1N4933_10 Datasheet
891Kb / 2P
Fast switching for high efficiency
FR301 DEC-FR301 Datasheet
665Kb / 2P
Fast switching for high efficiency
FR101 DEC-FR101 Datasheet
670Kb / 2P
Fast switching for high efficiency
FR151 DEC-FR151 Datasheet
665Kb / 2P
Fast switching for high efficiency
FR1001 DEC-FR1001 Datasheet
670Kb / 2P
Fast switching for high efficiency
FS11FL DEC-FS11FL Datasheet
600Kb / 2P
Fast switching for high efficiency
RS2A DEC-RS2A Datasheet
672Kb / 2P
Fast switching for high efficiency
logo
Surge Components
1N4933G-1N4937G SURGE-1N4933G-1N4937G Datasheet
1Mb / 2P
Fast switching for high efficiency
logo
Sangdest Microelectroni...
RS12AL SMC-RS12AL Datasheet
117Kb / 5P
Fast switching for high efficiency
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com