Electronic Components Datasheet Search
  English  ▼

X  

24C64 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 24C64
Description  CMOS I짼C 2-WIRE BUS 64K ELECTRICALLY ERASABLE PROGRAMMABLE ROM 8K X 8 BIT EEPROM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

24C64 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  24C64 Datasheet HTML 1Page - List of Unclassifed Manufacturers 24C64 Datasheet HTML 2Page - List of Unclassifed Manufacturers 24C64 Datasheet HTML 3Page - List of Unclassifed Manufacturers 24C64 Datasheet HTML 4Page - List of Unclassifed Manufacturers 24C64 Datasheet HTML 5Page - List of Unclassifed Manufacturers 24C64 Datasheet HTML 6Page - List of Unclassifed Manufacturers 24C64 Datasheet HTML 7Page - List of Unclassifed Manufacturers 24C64 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
24C64
Data Valid
Turbo IC, Inc.
Output Acknowledge
Start and Stop Definition
SDA
SCL
DATA STABLE
DATA STABLE
DATA
CHANGE
SDA
SCL
START
STOP
SCL
DATA IN
DATA OUT
18
9
ACKNOWLEDGE
START
3



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com