Electronic Components Datasheet Search
  English  ▼

X  

COP823CJ Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP823CJ
Description  8-Bit CMOS ROM Based Microcontrollers with 1k or 2k Memory, Comparator and Brown Out Detector
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP823CJ Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button COP823CJ Datasheet HTML 15Page - National Semiconductor (TI) COP823CJ Datasheet HTML 16Page - National Semiconductor (TI) COP823CJ Datasheet HTML 17Page - National Semiconductor (TI) COP823CJ Datasheet HTML 18Page - National Semiconductor (TI) COP823CJ Datasheet HTML 19Page - National Semiconductor (TI) COP823CJ Datasheet HTML 20Page - National Semiconductor (TI) COP823CJ Datasheet HTML 21Page - National Semiconductor (TI) COP823CJ Datasheet HTML 22Page - National Semiconductor (TI) COP823CJ Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
Modulator/Timer (Continued)
b. Variable Duty Cycle:
When MC3 = 0 and MC2 = 1, a variable duty cycle PWM sig-
nal is generated on the L7 output pin. The counter is clocked
by tC. In this mode the 16-bit timer T1 along with the 8-bit
down counter are used to generate a variable duty cycle
PWM signal. The timer T1 underflow sets MC1 which starts
the down counter and it also sets L7 high (L7 should be con-
figured as an output).When the counter underflows the MC1
control bit is reset and the L7 output will go low until the next
timer T1 underflow. Therefore, the width of the output pulse
is controlled by the 8-bit counter and the pulse duration is
controlled by the 16-bit timer T1 (
Figure 15). Timer T1 must
be configured in “PWM Mode/Toggle TIO Out” (CNTRL1 Bits
7,6,5 = 101).
Table 8 shows the different operation modes for the
Modulator/Timer.
TABLE 8. Modulator/Timer Modes
Control Bits in
Operation Mode
L7 Function
CNTRL2(00CC)
MC3
MC2
MC1
0
0
0
Normal I/O
0
0
1
50% Duty Cycle Mode (Clocked by
t
c)
0
1
X
Variable Duty Cycle Mode (Clocked
by t
c) Using Timer 1 Underflow
1
0
X
Modulator Mode (Clocked by t
c)
1
1
X
Modulator Mode (Clocked by CKI)
Note 11: MC1, MC2 and MC3 control bits are cleared upon reset.
Internal Data Bus
DS011208-16
FIGURE 13. Mode 1: Modulator Block Diagram/Output Waveform
DS011208-17
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com