Electronic Components Datasheet Search
  English  ▼

X  

ADG3308BCP Datasheet(PDF) 2 Page - Analog Devices

Part # ADG3308BCP
Description  Low Voltage 1.2 V to 5.5 V, Bidirectional, Logic Level Translators
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG3308BCP Datasheet(HTML) 2 Page - Analog Devices

  ADG3308BCP Datasheet HTML 1Page - Analog Devices ADG3308BCP Datasheet HTML 2Page - Analog Devices ADG3308BCP Datasheet HTML 3Page - Analog Devices ADG3308BCP Datasheet HTML 4Page - Analog Devices ADG3308BCP Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
–2–
REV. PrE
ADG3308–SPECIFICATIONS1
PRELIMINARY TECHNICAL DATA
Parameter
Symbol
Conditions
Min
Typ
2
Max
Units
LOGIC INPUTS/OUTPUTS
Input High Voltage
VIH
VCCY -0.4
V
VCCA -0.4
V
Input Low Voltage
VIL
0.4
V
0.4
V
Output High Voltage
VOH
IOH = 20 µA,
VCCY -0.4
V
IOH = 20 µA,
VCCA -0.4
V
Output Low Voltage
VOL
IOL = 20 µA,
0.4
V
IOL = 20 µA,
0.4
V
Input Leakage Current
II
0
VIN
3.6 V
±1
µA
Output Leakage Current
IO
0
VIN
3.6 V
±1
µA
Input Capacitance
3
CIN
f = 1 MHz, VA/Y = VCCA/Y or GND
5
pF
Output Capacitance
3
CO
f = 1 MHz, VA/Y = VCCY/A or GND
5
pF
SWITCHING CHARACTERISTICS
3
3.3V ± 0.3V
VCCA
VCCY
5V ± 0.5V
Propagation Delay, tPD
Y - A
RS = 50Ω, CA = 15 pF
5
ns
A - Y
RS = 50Ω, CY = 50 pF
5
ns
Rise Time
tR_Y
RS = 50Ω, CY = 50 pF
5
ns
Fall Time
tF_Y
RS = 50Ω, CY = 50 pF
5
ns
Rise Time
tR_A
RS = 50Ω, CA = 15 pF
5
ns
Fall Time
tF_A
RS = 50Ω, CA = 15 pF
5
ns
Maximum Data Rate
RS = 50Ω, CY = 50 pF, CA = 15 pF
40
Mbps
Channel To Channel Skew
tSKEW
RS = 50Ω, CY = 50 pF, CA = 15 pF
tbd
ns
Part To Part Skew
tPPSKEW
RS = 50Ω, CY = 50 pF, CA = 15 pF
tbd
ns
1.8V ± 0.15V
VCCA
VCCY
3.3V ±0.3V
Propagation Delay, tPD
Y - A
RS = 50Ω, CA = 15 pF
10
ns
A - Y
RS = 50Ω, CY = 50 pF
15
ns
Rise Time
tR_Y
RS = 50Ω, CY = 50 pF
10
ns
Fall Time
tF_Y
RS = 50Ω, CY = 50 pF
10
ns
Rise Time
tR_A
RS = 50Ω, CA = 15 pF
10
ns
Fall Time
tF_A
RS = 50Ω, CA = 15 pF
10
ns
Maximum Data Rate
RS = 50Ω, CY = 50 pF, CA = 15 pF
35
Mbps
Channel To Channel Skew
tSKEW
RS = 50Ω, CY = 50 pF, CA = 15 pF
5
ns
1.2V ± 0.1 V
VCCA
VCCY
3.3 ± 0.3 V
Propagation Delay, tPD
Y - A
RS = 50Ω, CA = 15 pF
20
ns
A - Y
RS = 50Ω, CY = 50 pF
20
ns
Rise Time
tR_Y
RS = 50Ω, CY = 50 pF
15
ns
Fall Time
tF_Y
RS = 50Ω, CY = 50 pF
15
ns
Rise Time
tR_A
RS = 50Ω, CA = 15 pF
15
ns
Fall Time
tF_A
RS = 50Ω, CA = 15 pF
15
ns
Maximum Data Rate
RS = 50Ω, CY = 50 pF, CA = 15 pF
20
Mbps
Channel To Channel Skew
tSKEW
RS = 50Ω, CY = 50 pF, CA = 15 pF
5
ns
2.5V ± 0.2V
VCCA
VCCY
3.3V ± 0.3V
Propagation Delay, tPD
Y - A
RS = 50Ω, CA = 15 pF
8.5
ns
A - Y
RS = 50Ω, CY = 50 pF
8.5
ns
Rise Time
tR_Y
RS = 50Ω, CY = 50 pF
8.5
ns
Fall Time
tF_Y
RS = 50Ω, CY = 50 pF
8.5
ns
Rise Time
tR_A
RS = 50Ω, CA = 15 pF
8.5
ns
Fall Time
tF_A
RS = 50Ω, CA = 15 pF
8.5
ns
Maximum Data Rate
RS = 50Ω, CY = 50 pF, CA = 15 pF
40
Mbps
Channel To Channel Skew
tSKEW
RS = 50Ω, CY = 50 pF, CA = 15 pF
10
ns
POWER REQUIREMENTS
Power Supply Voltages
VCCY
1.65
5.5
V
VCCA
1.1
5.5
V
Quiescent Power Supply Current
ICCY
Digital Inputs = 0 V or VCCY
5µA
ICCA
Digital Inputs = 0 V or VCCA
5µA
NOTES
1Temperature range is as follows: B Version: –40°C to +85°C.
2 All typical vlaues are at T
A = +25°C unless otherwise stated.
3 Guaranteed by design, not subject to production test.
Specifications subject to change without notice.
(VCCY = +1.65 to 5.5 V, VCCA = +1.1 to VCCY, GND = 0 V, All specifications TMIN to TMAX unless otherwise noted)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com