Electronic Components Datasheet Search
  English  ▼

X  

2SK2115 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # 2SK2115
Description  High speed power switching
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SK2115 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SK2115 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SK2115 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
isc Product Specification
isc website:www.iscsemi.cn
isc & iscsemi is registered trademark
1
isc N-Channel MOSFET Transistor
2SK2115
DESCRIPTION
·Drain Current
–I
D= 5A@ TC=25℃
·Drain Source Voltage-
: VDSS= 500V(Min)
·High speed power switching
APPLICATIONS
·Suitable for Switching regulator
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
ARAMETER
VALUE
UNIT
VDSS
Drain-Source Voltage (VGS=0)
500
V
VGS
Gate-Source Voltage
±30
V
ID
Drain Current-continuous@ TC=25℃
5
A
ID(puls)
Pulsed Drain Current
20
A
Ptot
Total Dissipation@TC=25℃
35
W
Tj
Max. Operating Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃
PDF pdfFactory Pro
www.fineprint.cn


Similar Part No. - 2SK2115

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK211 TOSHIBA-2SK211 Datasheet
221Kb / 5P
N CHANNEL JUNCTION TYPE (FM TUNER, VHF BAND AMPLIFIER APPLICATIONS)
2SK211 TOSHIBA-2SK211 Datasheet
714Kb / 6P
Silicon N Channel Junction Type FM Tuner Applications
logo
NEC
2SK2110 NEC-2SK2110 Datasheet
58Kb / 6P
N-CHANNEL MOS FET FOR HIGH-SPEED SWITCHING
logo
Guangdong Kexin Industr...
2SK2110 KEXIN-2SK2110 Datasheet
46Kb / 1P
MOS Field Effect Transistor
logo
Renesas Technology Corp
2SK2110 RENESAS-2SK2110 Datasheet
302Kb / 7P
MOS FIELD EFFECT TRANSISTOR
1996
More results

Similar Description - 2SK2115

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SK415 HITACHI-2SK415 Datasheet
56Kb / 1P
HIGH SPEED POWER SWITCHING
2SK429L HITACHI-2SK429L Datasheet
48Kb / 1P
HIGH SPEED POWER SWITCHING
2SK549 HITACHI-2SK549 Datasheet
46Kb / 1P
HIGH SPEED POWER SWITCHING
2SK579 HITACHI-2SK579 Datasheet
49Kb / 1P
HIGH SPEED POWER SWITCHING
2SK2424 HITACHI-2SK2424 Datasheet
13Kb / 2P
High speed power switching
logo
Renesas Technology Corp
RJK4002DPD RENESAS-RJK4002DPD Datasheet
82Kb / 7P
High Speed Power Switching
RJK6011DJE RENESAS-RJK6011DJE Datasheet
94Kb / 7P
High Speed Power Switching
2SK2225-80-E RENESAS-2SK2225-80-E Datasheet
190Kb / 7P
High Speed Power Switching
2SK3147L RENESAS-2SK3147L_15 Datasheet
246Kb / 8P
High Speed Power Switching
RJK1590DP3-A0 RENESAS-RJK1590DP3-A0 Datasheet
246Kb / 8P
High Speed Power Switching
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com