Electronic Components Datasheet Search
  English  ▼

X  

AP1509 Datasheet(PDF) 4 Page - Anachip Corp

Part # AP1509
Description  150KHz, 2A PWM Buck DC/DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1509 Datasheet(HTML) 4 Page - Anachip Corp

  AP1509 Datasheet HTML 1Page - Anachip Corp AP1509 Datasheet HTML 2Page - Anachip Corp AP1509 Datasheet HTML 3Page - Anachip Corp AP1509 Datasheet HTML 4Page - Anachip Corp AP1509 Datasheet HTML 5Page - Anachip Corp AP1509 Datasheet HTML 6Page - Anachip Corp AP1509 Datasheet HTML 7Page - Anachip Corp AP1509 Datasheet HTML 8Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AP1509
150KHz, 2A PWM Buck DC/DC Converter
Anachip Corp.
www.anachip.com.tw
Rev.0.1 Nov 27, 2003
4/8
Electrical Characteristics (Continued)
Symbol
Parameter
Conditions
Typ.
Limit
Unit
FB
V
Output
Feedback
4.5V < VIN < 22V
0.2A < ILOAD < 2A
VOUT programmed for
3V
1.23
1.193/1.18
1.267/1.28
V
VMIN
VMAX
AP1509-ADJ
η
Efficiency
VIN = 12V, ILOAD=2A
76
%
OUT
V
Output voltage
4.75V < VIN < 22V
0.2A < ILOAD < 2A
3.3
3.168/3.135
3.432/3.465
V
VMIN
VMAX
AP1509-3.3V
η
Efficiency
VIN = 12V, ILOAD=2A
78
%
OUT
V
Output voltage
7V < VIN < 22V
0.2A < ILOAD < 2A
5
4.8/4.75
5.2/5.25
V
VMIN
VMAX
AP1509-5V
η
Efficiency
VIN = 12V, ILOAD=2A
83
%
OUT
V
Output voltage
15V < VIN < 22V
0.2A < ILOAD < 2A
12
11.52/11.4
12.48/12.6
V
VMIN
VMAX
AP1509-12V
η
Efficiency
VIN = 15V, ILOAD = 2A
90
%
Specifications with boldface type are for full operating temperature range, the other type are for TJ=25ºC.
Typical Application Circuit
12
8
4
3
12V
DC Input
Cin
Capacitor
FB
SD
D1
Schottky Diode
Vin
Gnd
Output
AP1509
-33
Co
Capacitor
Inductor
L1
3.3V/2A
Output Load
Gnd
Gnd
Gnd
56
7



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com