Electronic Components Datasheet Search
  English  ▼

X  

RSC4-9 Datasheet(PDF) 73 Page - Lumberg

Part # RSC4-9
Description  Connectors & Components for Automation Technology
PDF  178 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMBERG [Lumberg]
Direct Link  http://www.lumberg.com
Logo LUMBERG - Lumberg

RSC4-9 Datasheet(HTML) 73 Page - Lumberg

Back Button RSC4-9 Datasheet HTML 69Page - Lumberg RSC4-9 Datasheet HTML 70Page - Lumberg RSC4-9 Datasheet HTML 71Page - Lumberg RSC4-9 Datasheet HTML 72Page - Lumberg RSC4-9 Datasheet HTML 73Page - Lumberg RSC4-9 Datasheet HTML 74Page - Lumberg RSC4-9 Datasheet HTML 75Page - Lumberg RSC4-9 Datasheet HTML 76Page - Lumberg RSC4-9 Datasheet HTML 77Page - Lumberg Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 178 page
background image
www.lumberg-automationusa.com
1-717-217-2299
73
M12-Round Connectors In Accordance with IEC 61076-2-101
M12-Field Attachable Connectors
RKCWN
Part No.
RKCWN 4/7
RKCWN 4/9
RKCWN 5/7
RKCWN 5/9
RKCWN 8/9
M12 Field Attachable, Female 90˚
Field Attachable Connector, M12 Female 90
˚, 4- 5-
and 8-Poles, Stainless Steel Hexagon Threaded Joint,
Assembling with Screw Terminals. IP 67 Rated.
Screw Joints for Cables
4/7: Ø 3,0-6,5 mm
4/9: Ø 4,0-8,0 mm
5/7: Ø 3,0-6,5 mm
5/9: Ø 4,0-8,0 mm
8/9: Ø 4,0-8,0 mm
– especially designed for use in Food
Processing equipment –
RKC...DUO
RKCN...DUO
M12 Field Attachable, Female Straight DUO
Field Attachable Connector, M12 Male Straight Duo
Connector, 3- and 4-Poles with Threaded Joint,
Assembling with Screw Terminals. IP 67 Rated.
Screw Joints for Cables
4 Poles:
2 x 3 mm / 2 x 5 mm
5 Poles:
2 x 3 mm / 2 x 5 mm
Part No.
RKC 4/DUO
RKC 5/DUO
Part No.
RKCN 4/DUO
RKCN 5/DUO
M12 Field Attachable, Female Straight DUO
Field Attachable Connector, M12 Female Straight Duo
Connector, 3- and 4-Poles Stainless Steel Hexagon
Threaded Joint, Assembling with Screw Terminals. IP
67 Rated.
Screw Joints for Cables
4 Poles:
2 x 3 mm / 2 x 5 mm
5 Poles:
2 x 3 mm / 2 x 5 mm
– especially designed for use in Food
Processing equipment –
RKCS | 0976 PFC 101
Part No.
RKCS 4/9
RKCS 5/9
RKCS 8/9
0976 PFC 101
M12 Field Attachable, Female Straight
Field Attachable Connector, M12 Female Straight,
4-, 5- and 8-Poles with Threaded Joint, Shieldable,
Assembling with Screw Terminals. IP 67 Rated.
0976 PFC 101: 5-Poles (only), B Coding, especially
suitable for Profibus Signal Cable: 0975 254 000/...M
Screw Joints for Cables
All:
Ø 4,0-9.0 mm
Field Attachable
Connectors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com