Electronic Components Datasheet Search
  English  ▼

X  

CAT24C21 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT24C21
Description  1-kb Dual Mode Serial EEPROM for VESA??Plug-and-Play
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT24C21 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT24C21 Datasheet HTML 1Page - Catalyst Semiconductor CAT24C21 Datasheet HTML 2Page - Catalyst Semiconductor CAT24C21 Datasheet HTML 3Page - Catalyst Semiconductor CAT24C21 Datasheet HTML 4Page - Catalyst Semiconductor CAT24C21 Datasheet HTML 5Page - Catalyst Semiconductor CAT24C21 Datasheet HTML 6Page - Catalyst Semiconductor CAT24C21 Datasheet HTML 7Page - Catalyst Semiconductor CAT24C21 Datasheet HTML 8Page - Catalyst Semiconductor CAT24C21 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
CAT24C21
1-kb Dual Mode Serial EEPROM for VESA
™ "Plug-and-Play"
* Catalyst Semiconductor is licensed by Philips Corporation to carry the I2C Bus
Protocol.
FUNCTIONAL SYMBOL
FEATURES
s DDC1TM/DDC2TM interface compliant for
monitor identification
s 400 kHz I2C bus compatible*
s 2.5 to 5.5 volt operation
s 16-byte page write buffer
s Hardware write protect
s Low power CMOS technology
s 1,000,000 program/erase cycles
s 100 year data retention
s 8-pin DIP, SOIC, TSSOP, MSOP or TDFN
packages
s Industrial temperature range
DESCRIPTION
The CAT24C21 is a 1-kb Serial CMOS EEPROM
internally organized as 128 words of 8 bits each. The
device complies with the Video Electronics Standard
Association's (VESA™), Display Data Channel (DDC™)
standards for "Plug-and-Play" monitors. The "transmit-
only" mode (DDC1™) is controlled by the VCLK clock
input and the "bi-directional" mode (DDC2™) is controlled
© 2004 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Doc. No. 1032, Rev. O
ALO
GEN FR
TM
LEAD FREE
by the SCL clock input, with both modes sharing a
common SDA input/output (I/O). The transmit-only mode
is a read-only mode, while the bi-directional mode is a
read and write mode following the I2C protocol. In write
mode the CAT24C21 features a 16-byte page write
buffer. The device is available in 8-in DIP, SOIC, TSSOP,
MSOP and TDFN packages.
PIN FUNCTIONS
Pin Name
Function
NC
No Connect
SDA
Serial Data/Address
SCL
Serial Clock (bi-directional mode)
VCLK
Serial Clock (transmit-only mode)
VCC
Power Supply
VSS
Ground
PIN CONFIGURATION
DIP Package (P, L)
SOIC Package (J, W)
TSSOP Package (U, Y)
MSOP Package (R, Z)
VCC
SCL
SDA
1
2
3
4
8
7
6
5
VSS
VCLK
NC
NC
NC
TDFN Package (RD4, ZD4)
3 mm x 3 mm
Top View
8
7
6
5
VCC
VCLK
SCL
SDA
VSS
1
2
3
4
NC
NC
NC
8
7
6
5
1
2
3
4
NC
NC
NC
VSS
VCC
VCLK
SCL
SDA
VCC
VCLK
SCL
SDA
1
2
3
4
8
7
6
5
VSS
NC
NC
NC
VCC
VCLK
SCL
SDA
1
2
3
4
8
7
6
5
VSS
NC
NC
NC
VCC
VSS
SDA
SCL
VCLK
CAT24C21


Similar Part No. - CAT24C21

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CAT24C21 ONSEMI-CAT24C21 Datasheet
163Kb / 14P
1 kb Dual Mode Serial EEPROM for VESA ?쏱lug-and-Play?
September, 2009 ??Rev. 16
CAT24C21 ONSEMI-CAT24C21 Datasheet
140Kb / 14P
1 kb Dual Mode Serial EEPROM for VESA Plug-and-Play
September, 2009 ??Rev. 16
CAT24C21LE ONSEMI-CAT24C21LE Datasheet
140Kb / 14P
1 kb Dual Mode Serial EEPROM for VESA Plug-and-Play
September, 2009 ??Rev. 16
CAT24C21LE-GT3 ONSEMI-CAT24C21LE-GT3 Datasheet
163Kb / 14P
1 kb Dual Mode Serial EEPROM for VESA ?쏱lug-and-Play?
September, 2009 ??Rev. 16
CAT24C21LE-T3 ONSEMI-CAT24C21LE-T3 Datasheet
163Kb / 14P
1 kb Dual Mode Serial EEPROM for VESA ?쏱lug-and-Play?
September, 2009 ??Rev. 16
More results

Similar Description - CAT24C21

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST24LC21 STMICROELECTRONICS-ST24LC21 Datasheet
149Kb / 18P
1Kb x8 DUAL MODE SERIAL EEPROM for VESA Plug&Play
Jun-1997
ST24LC21B STMICROELECTRONICS-ST24LC21B Datasheet
159Kb / 22P
1 Kbit x8 Dual Mode Serial EEPROM for VESA PLUG & PLAY
Jun-2002
logo
Catalyst Semiconductor
CAT24AA01 CATALYST-CAT24AA01 Datasheet
206Kb / 13P
1-Kb and 2-Kb I2C CMOS Serial EEPROM
logo
ON Semiconductor
CAT24AA01 ONSEMI-CAT24AA01 Datasheet
170Kb / 10P
1-Kb and 2-Kb I2C CMOS Serial EEPROM
August, 2009 ??Rev. 3
CAT24C21 ONSEMI-CAT24C21 Datasheet
163Kb / 14P
1 kb Dual Mode Serial EEPROM for VESA ?쏱lug-and-Play?
September, 2009 ??Rev. 16
logo
Rohm
BR34E02-3 ROHM-BR34E02-3 Datasheet
791Kb / 33P
Serial EEPROM Series Standard EEPROM Plug & Play EEPROM
logo
ON Semiconductor
CAT93C46WI-G ONSEMI-CAT93C46WI-G Datasheet
153Kb / 13P
1 Kb Microwire Serial EEPROM
October, 2013 ??Rev. 10
CAT25010YI-G ONSEMI-CAT25010YI-G Datasheet
198Kb / 18P
1-Kb, 2-Kb and 4-Kb SPI Serial CMOS EEPROM
January, 2012 ??Rev. 23
CAT24C21WI ONSEMI-CAT24C21WI Datasheet
140Kb / 14P
1 kb Dual Mode Serial EEPROM for VESA Plug-and-Play
September, 2009 ??Rev. 16
CAT24AA01 ONSEMI-CAT24AA01_15 Datasheet
91Kb / 10P
1-Kb and 2-Kb I2C CMOS Serial EEPROM
May, 2015 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com