Electronic Components Datasheet Search
  English  ▼

X  

CAT811 Datasheet(PDF) 3 Page - Catalyst Semiconductor

Part # CAT811
Description  4-Pin Microprocessor Power Supply Supervisors
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT811 Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT811 Datasheet HTML 1Page - Catalyst Semiconductor CAT811 Datasheet HTML 2Page - Catalyst Semiconductor CAT811 Datasheet HTML 3Page - Catalyst Semiconductor CAT811 Datasheet HTML 4Page - Catalyst Semiconductor CAT811 Datasheet HTML 5Page - Catalyst Semiconductor CAT811 Datasheet HTML 6Page - Catalyst Semiconductor CAT811 Datasheet HTML 7Page - Catalyst Semiconductor CAT811 Datasheet HTML 8Page - Catalyst Semiconductor CAT811 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
CAT811, CAT812
Patent Pending
Doc. No. 3005, Rev. P
PIN DESCRIPTIONS
Pin Number
CAT811
CAT812
1
1
GND
Ground
2
—
RESET
Active LOW reset.
RESET is asserted if VCC falls below the reset threshold
and remains low for at least 140ms after VCC rises above the reset threshold.
—
2
RESET
Active HIGH reset. RESET is asserted if VCC falls below the reset
threshold and remains high for at least 140ms after VCC rises above
the reset threshold.
33
MR
Manual Reset Input. A logic LOW on
MR asserts RESET. RESET remains
active as long as
MR is LOW and for 140ms after MR returns HIGH. The
active low input has an internal 20k
Ω pull-up resistor. The input should be left
open if not used. It can be driven by TTL or CMOS logic or shorted to ground
by a switch.
44
VCC
Power supply voltage that is monitored.
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com