Electronic Components Datasheet Search
  English  ▼

X  

ADD155 Datasheet(PDF) 2 Page - Astrodyne Corporation

Part # ADD155
Description  155W Dual Output with Battery Charging UPS Function
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASTRODYNE [Astrodyne Corporation]
Direct Link  http://www.astrodyne.com
Logo ASTRODYNE - Astrodyne Corporation

ADD155 Datasheet(HTML) 2 Page - Astrodyne Corporation

  ADD155 Datasheet HTML 1Page - Astrodyne Corporation ADD155 Datasheet HTML 2Page - Astrodyne Corporation ADD155 Datasheet HTML 3Page - Astrodyne Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ADD155 series
155W Dual Output with Battery Charging UPS Function
WWW.ASTRODYNETDI.COM
ASTRODYNE USA: 1-800-823-8082
ASTRODYNE PACIFIC: 886-2-26983458
Mechanical Specification
Derating Curve
Output Derating VS Input Voltage (A)
File Name:ADD-155-SPEC 2011-06-16
Case No. 906B
Unit:mm
AMBIENT TEMPERATURE (
)
INPUT VOLTAGE (V) 60Hz
90
88
100
120
140
160
180
200
220
240
264
100
90
80
70
60
50
40
-10
0
10
20
30
40
50
60
70
20
40
60
80
100
With 21.6 CFM min.(10cm)
With NO FAN
+13.8V
(HORIZONTAL)
Block Diagram
PFCfosc:67KHz
PWM fosc : 134KHz
PWM&PFC
CIRCUIT
DETECTION
O.L.P.
EMI FILTER
RECTIFIERS
CIRCUIT
POWER
SWITCHING
FILTER
&
BACK UP
REGULATOR
RECTIFIERS
BAT.CHARGER
SWITCHING
+V
B+
+5V
RESET
-V
I/P
FG
CONTROL
O.V.P.
&
PFC
CONSTANT
CURRENT
LIMITING &
START
CIRCUIT
ACTIVE
Terminal Pin No. Assignment
CN1 Pin No. Assignment :JST B2B-XH or equivalent
Pin No.
Pin No.
1
2
5
3
4
6
7
8
Assignment
Assignment
BAT.+
BAT. -/COM
DC OUTPUT COM
DC OUTPUT +V
FG
AC/L
AC/N
+5V
20
159
199
100
172
192
5-M3
190.5
3.5
6
7
8
6
5
4
3
2
1
5
1
2
CN1
Pin No.
Assignment Mating Housing
JST XHP
or equivalent
Terminal
JST SXH-001T-P0.6
or equivalent
1
2
RESET SW
155W Dual Output with Battery Charger(UPS Function)
ADD-155 series



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com