Electronic Components Datasheet Search
  English  ▼

X  

3CG5401 Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 3CG5401
Description  High frequency switching power supply
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

3CG5401 Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  3CG5401 Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3CG5401 Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3CG5401 Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3CG5401 Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3CG5401 Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3CG5401 Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
R
版本:201509A
1/6
PNP 硅外延晶体管
PNP EPITAXIAL SILICON TRANSISTOR
3CG5401
订 货 型 号
Order codes
印
记
Marking
无卤素
Halogen Free
封
装
Package
包
装
Packaging
3CG5401-O-T-N-C
5401
否
NO
TO-92
袋装 Bag
3CG5401-O-T-N-A
5401
否
NO
TO-92
编带 Brede
3CG5401-O-N1-N-A
H
否
NO
SOT-23
编带 Brede
主要参数
MAIN CHARACTERISTICS
IC
-0.6A
VCEO
-150V
PC (TO-92)
0.625W
PC (SOT-23)
0.350W
封装 Package
SOT-23
TO-92
用途
高频开关电源
高频功率变换
一般功率放大电路
APPLICATIONS
High frequency switching power
supply
High frequency power transform
Commonly power amplifier circuit
产品特性
硅外延
高开关速度
与 3DG5551 互补
环保(RoHS)产品
FEATURES
Epitaxial silicon
High switching speed
Complementary to 3DG5551
RoHS product
订货信息 ORDER MESSAGE


Similar Part No. - 3CG5401

ManufacturerPart #DatasheetDescription
logo
Foshan Blue Rocket Elec...
3CG5610 FOSHAN-3CG5610 Datasheet
735Kb / 6P
Silicon PNP transistor in a TO-92LM Plastic Package.
More results

Similar Description - 3CG5401

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
3CG3906 JSMC-3CG3906 Datasheet
205Kb / 6P
High frequency switching power supply
3CG8550 JSMC-3CG8550 Datasheet
224Kb / 5P
High frequency switching power supply
3CG9012 JSMC-3CG9012 Datasheet
180Kb / 5P
High frequency switching power supply
3CG9015 JSMC-3CG9015 Datasheet
226Kb / 5P
High frequency switching power supply
3DG882 JSMC-3DG882 Datasheet
151Kb / 5P
High frequency switching power supply
3DG9013 JSMC-3DG9013 Datasheet
179Kb / 5P
High frequency switching power supply
3DG9014 JSMC-3DG9014 Datasheet
220Kb / 5P
High frequency switching power supply
BDW93C JSMC-BDW93C Datasheet
220Kb / 5P
High frequency switching power supply
BDW94C JSMC-BDW94C Datasheet
227Kb / 5P
High frequency switching power supply
logo
Shenzhen hui lida elect...
BU406 HUILIDA-BU406 Datasheet
935Kb / 4P
High frequency switching power supply
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com