Electronic Components Datasheet Search
  English  ▼

X  

DM74122 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM74122
Description  Retriggerable Resettable Multivibrator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM74122 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DM74122 Datasheet HTML 1Page - National Semiconductor (TI) DM74122 Datasheet HTML 2Page - National Semiconductor (TI) DM74122 Datasheet HTML 3Page - National Semiconductor (TI) DM74122 Datasheet HTML 4Page - National Semiconductor (TI) DM74122 Datasheet HTML 5Page - National Semiconductor (TI) DM74122 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLF10212
June 1989
54122DM74122
Retriggerable Resettable Multivibrator
General Description
The ’122 features positive and negative DC level triggering
inputs complementary outputs an optional 10 kX internal
timing resistor and an overriding Direct Clear (CD) input
When the circuit is in the quasi-stable (delay) state another
trigger applied to the inputs (per Truth Table) will cause the
delay period to start again without disturbing the outputs
This process can be repeated indefinitely and thus the out-
put pulse period (Q HIGH Q LOW) can be made as long as
desired Alternatively a delay period can be terminated
by a LOW signal applied to CD which also prevents trigger-
ing An internal connection from CD to the input gate makes
it possible to trigger the circuit by a positive-going signal on
CD as shown in the Truth Table For timing capacitor values
greater than 1000 pF the output pulse width is defined as
follows
tw e 032 RXCX (10 a 07RX)
Where tw is in ns RX is in kX and CX is in pF
Connection Diagram
Dual-In-Line Package
TLF10212 – 1
Order Number 54122DMQB 54122FMQB or DM74122N
See NS Package Number J14A N14A or W14B
Logic Symbol
TLF10212 – 2
VCC e Pin 14
GND e Pin 7
NC e Pins 10 and 12
Pin Names
Description
A1 A2
Trigger Inputs (Active Falling Edge)
B1 B2
Trigger Inputs (Active Rising Edge)
CD
Direct Clear Inputs (Active LOW)
Q Q
Outputs
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - DM74122

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
DM74121 FAIRCHILD-DM74121 Datasheet
69Kb / 5P
One-Shot with Clear and Complementary Outputs
DM74121 FAIRCHILD-DM74121 Datasheet
71Kb / 5P
One-Shot with Clear and Complementary Outputs
logo
National Semiconductor ...
DM74121 NSC-DM74121 Datasheet
128Kb / 6P
One-Shot with Clear and Complementary Outputs
DM74121N NSC-DM74121N Datasheet
128Kb / 6P
One-Shot with Clear and Complementary Outputs
logo
Fairchild Semiconductor
DM74121N FAIRCHILD-DM74121N Datasheet
69Kb / 5P
One-Shot with Clear and Complementary Outputs
More results

Similar Description - DM74122

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
96L02 NSC-96L02 Datasheet
144Kb / 6P
Dual Retriggerable Resettable Monostable Multivibrator
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A Datasheet
291Kb / 16P
Dual Precision Monostable Multivibrator(Retriggerable, Resettable)
April, 2001 ??Rev. 8
logo
Toshiba Semiconductor
TC4538BP TOSHIBA-TC4538BP Datasheet
252Kb / 6P
DUAL PRECISION RETRIGGERABLE/RESETTABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
DM96L02 FAIRCHILD-DM96L02 Datasheet
68Kb / 6P
Dual Retriggerable Resettable Monostable Multivibrator
DM96LS02 FAIRCHILD-DM96LS02 Datasheet
102Kb / 8P
Dual Retriggerable Resettable Monostable Multivibrator
DM96S02 FAIRCHILD-DM96S02 Datasheet
80Kb / 7P
Dual Retriggerable Resettable Monostable Multivibrator
logo
Hitachi Semiconductor
HD74AC123A HITACHI-HD74AC123A Datasheet
50Kb / 9P
Dual Retriggerable Resettable Multivibrator
logo
Motorola, Inc
MC54HC4538A MOTOROLA-MC54HC4538A Datasheet
371Kb / 13P
Dual precision Monostable Multivibrator (Retriggerable, Resettable)
logo
ON Semiconductor
MC74HC4538A ONSEMI-MC74HC4538A_05 Datasheet
167Kb / 16P
Dual Precision Monostable Multivibrator (Retriggerable,Resettable)
June, 2005 ??Rev. 9
logo
Renesas Technology Corp
HD74AC123A RENESAS-HD74AC123A Datasheet
249Kb / 7P
Dual Retriggerable Resettable Multivibrator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com