Electronic Components Datasheet Search
  English  ▼

X  

DM54122 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DM54122
Description  Retriggerable Resettable Multivibrator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DM54122 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  DM54122 Datasheet HTML 1Page - National Semiconductor (TI) DM54122 Datasheet HTML 2Page - National Semiconductor (TI) DM54122 Datasheet HTML 3Page - National Semiconductor (TI) DM54122 Datasheet HTML 4Page - National Semiconductor (TI) DM54122 Datasheet HTML 5Page - National Semiconductor (TI) DM54122 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Switching Characteristics
VCC ea50V TA ea25 C (See Section 3 for waveforms and load configurations)
5474
Symbol
Parameter
Conditions
CL e 15 pF
Units
RL e 400X
Min
Max
tPLH
Propagation Delay
28
ns
BtoQ
tPLH
Propagation Delay
33
ns
A to Q
CX e 0 pF RX e 5kX
tPLH
Propagation Delay
Figure 3-1 Figure a
36
ns
BtoQ
tPHL
Propagation Delay
40
ns
A to Q
tPLH
Propagation Delay
40
ns
CD to Q
CX e 0 pF RX e 5kX
tPHL
Propagation Delay
Figure 3-1 Figure 3-10
27
ns
CD to Q
tw(out)
Pulse Width at Q with Zero
CX e 0 pF RX e 5kX
65
ns
Timing Capacitor
Figure 3-1 Figure a
tw(out)
Pulse Width with External
CX e 1000 pF RX e 10 kX
308
376
m
s
Timing Components
Figure 3-1 Figure a
Triggering Truth Table
Inputs
Response
CD
A1
A2
B1
B2
L
X
X
X
X
No Trigger
X
K
L
X
X
No Trigger
X
K
X
L
X
No Trigger
H
K
H
H
H
Trigger
XX
X
L
L
No Trigger
XH
H
L
X
No Trigger
HL
X
L
H
Trigger
L
L
X
H
H
Trigger
H e HIGH Voltage Level
L e LOW Voltage Level
X e Immaterial
Input pins 1 and 2 are logically interchangeable as are input pins 3 and 4
3



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com