Electronic Components Datasheet Search
  English  ▼

X  

3DD5038P Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 3DD5038P
Description  Switching power supply for color TV
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

3DD5038P Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  3DD5038P Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD5038P Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD5038P Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD5038P Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DD5038P Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
版本:201501A
1
/5
低频放大管壳额定的双极型晶体管
CASE-RATED BIPOLAR TRANSISTOR FOR TYPE 3DD5038P FOR LOW FREQUENCY
R
3DD5038P
主要参数 MAIN CHARACTERISTICS
封装 Package
TO-3P(H)IS
用途
彩色电视机开关电源
电路
APPLICATIONS
Switching power supply
for color TV..
产品特性
3DD5038P是NPN 双极
型高反压大功率晶体管,制
造中采用的主要工艺技
术有:高压平面工艺技
术、三重扩散技术等
,采
用塑料全包封结构。环保
RoHS)产品。
FEATURES
3DD5038P is high
breakdown
voltage of NPN bipolar transistor.
The main process of manufacture:
high voltage planar process, triple
diffused process etc., adoption of
fully plastic packge. RoHS product.
等效电路
EQUIVALENT CIRCUIT
订货信息 ORDER MESSAGE
订 货 型 号
Order codes
Marking
无卤素
Halogen Free
Package
Packaging
3DD5038P-O-A-N-D
D5038
NO
TO-3P(H)IS
泡沫
Foam
BVCBO
1200
V
IC
10
A
VCE(sat)
0.5
V(max)
Tf
0.3
μs(max)


Similar Part No. - 3DD5038P

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
3DD5038 JSMC-3DD5038 Datasheet
151Kb / 6P
CASE-RATED BIPOLAR TRANSISTOR FOR TYPE 3DD5038 FOR LOW FREQUENCY
3DD5038-O-A-N-D JSMC-3DD5038-O-A-N-D Datasheet
151Kb / 6P
CASE-RATED BIPOLAR TRANSISTOR FOR TYPE 3DD5038 FOR LOW FREQUENCY
More results

Similar Description - 3DD5038P

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5424 NTE-NTE5424 Datasheet
20Kb / 2P
Silicon Controlled Rectifier (SCR) for TV Power Supply Switching
logo
STMicroelectronics
TEA2026C STMICROELECTRONICS-TEA2026C Datasheet
491Kb / 10P
COLOR TV SCANNING AND POWER SUPPLY PROCESSOR
Nov 1998
logo
Toshiba Semiconductor
TA8777BN TOSHIBA-TA8777BN Datasheet
252Kb / 8P
AV SWITCH FOR COLOR TV
logo
STMicroelectronics
TEA2029C STMICROELECTRONICS-TEA2029C Datasheet
104Kb / 9P
COLOR TV SCANNING AND POWER SUPPLY PROCESSOR
Aug-1993
logo
Sanyo Semicon Device
STK7309 SANYO-STK7309 Datasheet
155Kb / 1P
OFFLINE SWITCHING REGULATOR FOR COLOR TV USE
logo
STMicroelectronics
TEA2028B STMICROELECTRONICS-TEA2028B Datasheet
104Kb / 9P
COLOR TV SCANNING AND POWER SUPPLY PROCESSOR
Aug-1993
logo
Toshiba Semiconductor
2SA1013 TOSHIBA-2SA1013_07 Datasheet
159Kb / 5P
Color TV Verttical Deflection Output Applications Power Switching Applications
logo
STMicroelectronics
TEA2128 STMICROELECTRONICS-TEA2128 Datasheet
238Kb / 8P
COLOR TV SCANNING AND POWER SUPPLY PROCESSOR
Dec-1992
logo
Toshiba Semiconductor
2SA1013O TOSHIBA-2SA1013O Datasheet
165Kb / 5P
Color TV Verttical Deflection Output Applications Power Switching Applications
logo
JILIN SINO-MICROELECTRO...
3DD5011 JSMC-3DD5011 Datasheet
238Kb / 5P
Switching power supply for color TV
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com