Electronic Components Datasheet Search
  English  ▼

X  

DS9101 Datasheet(PDF) 17 Page - Dallas Semiconductor

Part # DS9101
Description  Temperature iButton
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS9101 Datasheet(HTML) 17 Page - Dallas Semiconductor

Back Button DS9101 Datasheet HTML 13Page - Dallas Semiconductor DS9101 Datasheet HTML 14Page - Dallas Semiconductor DS9101 Datasheet HTML 15Page - Dallas Semiconductor DS9101 Datasheet HTML 16Page - Dallas Semiconductor DS9101 Datasheet HTML 17Page - Dallas Semiconductor DS9101 Datasheet HTML 18Page - Dallas Semiconductor DS9101 Datasheet HTML 19Page - Dallas Semiconductor DS9101 Datasheet HTML 20Page - Dallas Semiconductor DS9101 Datasheet HTML 21Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
DS1920
17 of 22
DS1920 MEMORY AND CONTROL FUNCTION COMMANDS Table 2
INSTRUCTION
DESCRIPTION
PROTOCOL
1-WIRE BUS
AFTER ISSUING
PROTOCOL
NOTES
TEMPERATURE CONVERSION COMMANDS
Convert
Temperature
Initiates temperature
conversion
44H
strong pullup
1
MEMORY COMMANDS
Read Scratchpad
Reads bytes from scratchpad
and reads CRC byte.
BEH
<read up to 9 data
bytes>
Write Scratchpad
Writes bytes into scratchpad
at addresses 2 and 3 (TH and
TL temperature triggers).
4EH
<write data into 2
bytes at addr. 2 and
addr. 3>
Copy Scratchpad
Copies Scratchpad into
nonvolatile memory
(addresses 2 and 3 only).
48H
strong pullup
2
Recall
Recalls values stored in
nonvolatile memory into
scratchpad (temperature
triggers).
B8H
idle
NOTES:
1. Temperature conversion takes up to 0.5 seconds. After receiving the Convert Temperature command,
the data line for the DS1920 must be held high for at least 0.5 seconds to provide power during the
conversion process. As such, no other activity may take place on the 1-Wire bus for at least this
period after a Convert Temperature command has been issued.
2. After receiving the Copy Scratchpad command, the data line for the DS1920 must be held high for at
least 10 ms to provide power during the copy process. As such, no other activity may take place on
the 1-Wire bus for at least this period after a Copy Scratchpad command has been issued.
READ/WRITE TIMING DIAGRAM Figure 11
Write-1 Time Slot
60
µs ≤t
SLOT < 120
µs
1
µs ≤t
LOW1 < 15
µs
1
µs ≤t
REC <
∞
RESISTOR
MASTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com