Electronic Components Datasheet Search
  English  ▼

X  

FOXSLF040A Datasheet(PDF) 2 Page - Fox Electronics

Part # FOXSLF040A
Description  Resistance Weld Thru-Hole Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FOXSLF040A Datasheet(HTML) 2 Page - Fox Electronics

  FOXSLF040A Datasheet HTML 1Page - Fox Electronics FOXSLF040A Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
43
Fox Electronics
5570 Enterprise Parkway
Fort Myers, Florida 33905
USA +1.239.693.0099
FAX +1.239.693.1554
An Integrated Device Technology, Inc. company
FOXonline.com
Resistance Weld Thru-Hole Crystal
Rev. 3/30/2015
RoHS Compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
Model: HC49SLF
Page 2 of 2
• HC49SLF Standard Crystals
All specifications subject to change without notice.
Tolerance
± 30 ppm
± 30 ppm
± 30 ppm
± 30 ppm
± 30 ppm
± 30 ppm
± 30 ppm
± 30 ppm
± 30 ppm
± 30 ppm
± 30 ppm
± 30 ppm
± 30 ppm
± 30 ppm
± 30 ppm
± 30 ppm
± 30 ppm
± 30 ppm
± 30 ppm
± 30 ppm
Stability
± 50 ppm
± 50 ppm
± 50 ppm
± 50 ppm
± 50 ppm
± 50 ppm
± 50 ppm
± 50 ppm
± 50 ppm
± 50 ppm
± 50 ppm
± 50 ppm
± 50 ppm
± 50 ppm
± 50 ppm
± 50 ppm
± 50 ppm
± 50 ppm
± 50 ppm
± 50 ppm
Temp Range
-20 to +70 C
-20 to +70 C
-20 to +70 C
-20 to +70 C
-20 to +70 C
-20 to +70 C
-20 to +70 C
-20 to +70 C
-20 to +70 C
-20 to +70 C
-20 to +70 C
-20 to +70 C
-20 to +70 C
-20 to +70 C
-20 to +70 C
-20 to +70 C
-20 to +70 C
-20 to +70 C
-20 to +70 C
-20 to +70 C
CL
18pF
Series
20pF
Series
20pF
20pF
Series
20pF
20pF
Series
20pF
Series
20pF
20pF
Series
20pF
20pF
Series
20pF
20pF
Part Number
FOXSLF/036S
FOXSLF/0368S
FOXSLF/0368-20
FOXSLF/040A
FOXSLF/040
FOXSLF/073-20
FOXSLF/080
FOXSLF/080-20
FOXSLF/100-20
FOXSLF/115
FOXSLF/115-20
FOXSLF/120
FOXSLF/120-20
FOXSLF/147-20
FOXSLF/160
FOXSLF/160-20
FOXSLF/184-20
FOXSLF/200
FOXSLF/200-20
FOXSLF/250F-20
Frequency
3.579545
3.686400
3.686400
4.000000
4.000000
7.372800
8.000000
8.000000
10.000000
11.059200
11.059200
12.000000
12.000000
14.745600
16.000000
16.000000
18.432000
20.000000
20.000000
25.000000



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com