Electronic Components Datasheet Search
  English  ▼

X  

LSH Datasheet(PDF) 1 Page - Coto Technology

Part # LSH
Description  Liquid Level Sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

LSH Datasheet(HTML) 1 Page - Coto Technology

  LSH Datasheet HTML 1Page - Coto Technology LSH Datasheet HTML 2Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
The SRC Devices range of Horizontal Liquid Level Sensors have been designed
for external mounting with either a compression seal or 1/2’ NPT taper thread.
They are manufactured in a range of materials to suit most commonly used fluids.
All models are available with either 10W or 70W (high power) contacts. The switch
action can be reversed by simply rotating the device through 180 degrees. The
complete range UL approval (pending).
FEATURES
• External Mount
• Fast Fitting
• NO or NC by rotating 180 degrees
• 10W or 70W contacts
• Materials to suit most fluids
• Ideal when internal access is limited
• UL approved (pending)
LSH
Unit
Parameters
Body Color
Dimensions
Length
Width
Height
Wire Length
Wire Color
Wire AWG
Specifications
Contact Ratings
Switching Voltage
Switching Current
Carry Current
Contact Rating
Contact Resistance
Contact Material
Electrical Ratings
Insulation Resistance
Operate Time
Release Time
Contact Life
Enviromental Ratings
Operating Temperature
Storage temperature
Vibration Resistance
Shock Resistance
Weight
Switch Type
mm
mm
mm
mm
AWG
VDC
A
A
VA
Max. Ohms
Ohms
ms
ms
Ops
°C
°C
Gs
Gs
g
88
-
18
Black/White
300
Black
24
200
0.5
1.5
10
0.10
Ru
1 x1011
0.5
0.2
1 x 109
-20 to +85
-20 to +85
20
30
22
DYAD
Switch 01
Switch 02
88
-
18
Black/White
300
Black
24
200/300
1.5
2.5
70
0.10
Rh
1 x1011
0.8
0.1
1 x 109
-20 to +85
-20 to +85
20
30
49
PR126
Liquid Level Sensor
DESCRIPTION
SPECIFICATIONS
Details provided on this datasheet are subject to change without notice


Similar Part No. - LSH

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
LSH RUBYCON-LSH Datasheet
201Kb / 2P
SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
logo
Samtec, Inc
LSH-020-01-G-D-A SAMTEC-LSH-020-01-G-D-A Datasheet
185Kb / 1P
LOW PROFILE BLADE AND BEAM
LSH-050-01-G-D-A SAMTEC-LSH-050-01-G-D-A Datasheet
297Kb / 2P
.5mm DOUBLE ROW SOCKET ASSEMBLY
logo
Semtech Corporation
LSH-6335 SEMTECH-LSH-6335 Datasheet
460Kb / 4P
3 AMP DC-TO-DC MICROCONVERTER
LSH-6335P SEMTECH-LSH-6335P Datasheet
460Kb / 4P
3 AMP DC-TO-DC MICROCONVERTER
More results

Similar Description - LSH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VCS-02 ETC2-VCS-02 Datasheet
226Kb / 2P
LIQUID LEVEL SENSOR
logo
Coto Technology
LSV COTO-LSV Datasheet
118Kb / 2P
Liquid Level Sensor
logo
Standex Electronics, In...
LS01-1A66-PA-2000W STANDEX-LS01-1A66-PA-2000W Datasheet
220Kb / 1P
LS01 Series Liquid Level Sensor
Rev.04
LS01-1A66-PP-1000W STANDEX-LS01-1A66-PP-1000W Datasheet
215Kb / 1P
LS01 Series Liquid Level Sensor
Rev.06
LS01-1A66-PP-2000W STANDEX-LS01-1A66-PP-2000W Datasheet
221Kb / 1P
LS01 Series Liquid Level Sensor
Rev.09
LS01-1A85-PA-500W STANDEX-LS01-1A85-PA-500W Datasheet
213Kb / 1P
LS01 Series Liquid Level Sensor
Rev.02
LS01-1B66-PA-500W STANDEX-LS01-1B66-PA-500W Datasheet
215Kb / 1P
LS01 Series Liquid Level Sensor
Rev.10
LS01-1B66-PP-5000W STANDEX-LS01-1B66-PP-5000W Datasheet
219Kb / 1P
LS01 Series Liquid Level Sensor
Rev.07
LS02-1A66-PP-1000W STANDEX-LS02-1A66-PP-1000W Datasheet
125Kb / 1P
LS02 Series Liquid Level Sensor
Rev.07
LS05-1A66-2-500W STANDEX-LS05-1A66-2-500W Datasheet
232Kb / 2P
LS05 Series Liquid Level Sensor
REV.04 22.01.15
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com