Electronic Components Datasheet Search
  English  ▼

X  

DS1920-F3 Datasheet(PDF) 16 Page - Dallas Semiconductor

Part # DS1920-F3
Description  Temperature iButton
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1920-F3 Datasheet(HTML) 16 Page - Dallas Semiconductor

Back Button DS1920-F3 Datasheet HTML 12Page - Dallas Semiconductor DS1920-F3 Datasheet HTML 13Page - Dallas Semiconductor DS1920-F3 Datasheet HTML 14Page - Dallas Semiconductor DS1920-F3 Datasheet HTML 15Page - Dallas Semiconductor DS1920-F3 Datasheet HTML 16Page - Dallas Semiconductor DS1920-F3 Datasheet HTML 17Page - Dallas Semiconductor DS1920-F3 Datasheet HTML 18Page - Dallas Semiconductor DS1920-F3 Datasheet HTML 19Page - Dallas Semiconductor DS1920-F3 Datasheet HTML 20Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
DS1920
16 of 22
READ/WRITE TIME SLOTS
The definitions of write and read time slots are illustrated in Figure 11. All time slots are initiated by the
master driving the data line low. The falling edge of the data line synchronizes the DS1920 to the master
by triggering a delay circuit in the DS1920. During write time slots, the delay circuit determines when the
DS1920 will sample the data line. For a read data time slot, if a 0 is to be transmitted, the delay circuit
determines how long the DS1920 will hold the data line low overriding the 1 generated by the master. If
the data bit is a 1, the DS1920 will leave the read data time slot unchanged.
STRONG PULLUP
To provide energy for a temperature conversion or for copying data from the scratchpad to the EEPROM,
a low impedance pullup of the 1-Wire bus to 5V is required just after the corresponding command has
been sent by the master. During temperature conversion or copying the scratchpad, the bus master
controls the transition from a state where the data line is idling high via the pullup resistor to a state where
the data line is actively driven to 5 volts, providing a minimum of 1 mA of current for each DS1920
doing temperature conversion. This low impedance pullup should be active for 0.5 seconds for
temperature conversion or at least 10 ms for copying to the scratchpad. After that, the data line returns to
an idle high state controlled by the pullup resistor. The low-impedance pullup does not affect other
devices on the 1-Wire bus. Therefore it is possible to multidrop other 1-Wire devices with the DS1920.
INITIALIZATION PROCEDURE “RESET AND PRESENCE PULSES” Figure 10
480
µs ≤t
RSTL <
∞ ∗
480
µs ≤t
RSTH <
∞ (includes recovery time)
15
µs ≤t
PDH < 60
µs
60
µs ≤t
PDL < 240
µs
*
In order not to mask interrupt signaling by other devices on the 1-Wire bus, tRSTL + tR should always
be less than 960
µs.
RESISTOR
MASTER
DS1920



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com