Electronic Components Datasheet Search
  English  ▼

X  

EL4583CS Datasheet(PDF) 7 Page - Intersil Corporation

Part # EL4583CS
Description  Sync Separator, 50% Slice, S-H, Filter, Horizontal sync output
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL4583CS Datasheet(HTML) 7 Page - Intersil Corporation

  EL4583CS Datasheet HTML 1Page - Intersil Corporation EL4583CS Datasheet HTML 2Page - Intersil Corporation EL4583CS Datasheet HTML 3Page - Intersil Corporation EL4583CS Datasheet HTML 4Page - Intersil Corporation EL4583CS Datasheet HTML 5Page - Intersil Corporation EL4583CS Datasheet HTML 6Page - Intersil Corporation EL4583CS Datasheet HTML 7Page - Intersil Corporation EL4583CS Datasheet HTML 8Page - Intersil Corporation EL4583CS Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
Description of Operation
A simplified block schematic is shown in Figure 1. The
following description is intended to provide the user with
sufficient information to understand the effects of the
external components and signal conditions on the outputs of
the integrated circuit.
The video signal is AC coupled to pin 4 via the capacitor C1,
nominally 0.1µF. The clamp circuit A1 will prevent the input
signal on pin 4 going more negative than 1.5V, the value of
reference voltage VR1. Thus the sync tip, the most negative
part of the video waveform, will be clamped at 1.5V. The
current source I1, nominally 6µA, charges the coupling
capacitor during the remaining portion of the H line,
approximately 58µs for a 15.75kHz timebase. From I • t = C •
V, the video time-constant can be calculated. It is important
to note that the charge taken from the capacitor during video
must be replaced during the sync tip time, which is much
shorter, (ratio of x 12.5). The corresponding current to
restore the charge during sync will therefore be an order of
magnitude higher, and any resistance in series with CI will
cause sync tip crushing. For this reason, the internal series
resistance has been minimized and external high resistance
values in series with the input coupling capacitor should be
avoided. The user can exercise some control over the value
of the input time constant by introducing an external pull-up
resistance from pin 4 to the 5V supply. The maximum
voltage across the resistance will be VDD less 1.5V, for black
level. For a net discharge current greater than zero, the
resistance should be greater than 450k. This will have the
effect of increasing the time constant and reducing the
degree of picture tilt. The current source I1 directly tracks
reference current ITR and thus increases with scan rate
adjustment, as explained later.
The signal is processed through an active 3 pole filter (F1)
designed for minimum ripple with constant phase delay. The
filter attenuates the color burst by 12dB and eliminates fast
transient spikes without sync crushing. An external filter is
not necessary. The filter also amplifies the video signal by
6dB to improve the detection accuracy. The filter cut-off
frequency is controlled by an external resistor from pin 1 to
ground.
FIGURE 4. STANDARD (NTSC INPUT) H. SYNC DETAIL
EL4583



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com