Electronic Components Datasheet Search
  English  ▼

X  

3DG3904 Datasheet(PDF) 3 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 3DG3904
Description  High frequency switching power supply
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

3DG3904 Datasheet(HTML) 3 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  3DG3904 Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DG3904 Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DG3904 Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DG3904 Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DG3904 Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DG3904 Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3DG3904 Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
R
3DG3904
版本:201510B
3/7
特征曲线
ELECTRICAL CHARACTERISTICS (curves)
1E-3
0.01
0.1
1
2
25℃
125℃
IC/IB=10
IC(A)
1E-3
0.01
0.1
0.1
0.2
0.3
0.4
25℃
125℃
IC/IB=10
IC(A)
1E-4
1E-3
0.01
0.1
10
100
25℃
125℃
VCE=5V
IC(A)
hFE – IC
VBE(sat)- IC
VCE(sat)- IC
PC-TC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com