Electronic Components Datasheet Search
  English  ▼

X  

3FT4C Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # 3FT4C
Description  AC switching
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

3FT4C Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  3FT4C Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3FT4C Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3FT4C Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3FT4C Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3FT4C Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3FT4C Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3FT4C Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3FT4C Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. 3FT4C Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
R
版本:201510J
1/9
双向晶闸管
TRIACS
3FT4C/F/M/U
主要参数
MAIN CHARACTERISTICS
IT(RMS)
4A
VDRM
600V or 800V
IGT
10mA
用途
APPLICATIONS
交流开关
AC switching
相位控制
Phase control
产品特性
FEATURES
玻璃钝化芯片,
高可靠性和一
致性
Glass-passivated mesa
chip for reliability and
uniform
低通态电流和高
浪涌电流能力
Low on-state voltage and
High ITSM
环保 RoHS 产品
RoHS products
封装 Package
序号
Pin
引线名称
Description
1
主电极 1
MT1
2
主电极 2
MT2
3
门极
G
订货信息 ORDER MESSAGES
订 货 型 号
Order code
印
记
Marking
封
装
Package
包
装
Packaging
3FT4C-O-C-N-B
3FT4C
TO-220C
条管
Tube
3FT4F-O-HF-N-B
3FT4F
TO-220HF
条管
Tube
3FT4M-O-M-N-C
3FT4M
TO-126
袋装
Bag
3FT4U-O-U-B-A
3FT4U
DPAK
编带 Tape
概述 GENERAL DESCRIPTION
3FT4C/F/M/U是玻璃钝化芯片结构的四象限双向晶闸管。器件封装形式有TO-220C、
TO-220HF、TO-126和DPAK。
3FT4C/F/M/U are Glass passivated four quadrant triacs. Available packages are
TO-220C、TO-220HF、TO-126 and DPAK.
TO-220C
TO-220HF
TO-126
DPAK


Similar Part No. - 3FT4C

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
3FT4C-O-C-N-B JSMC-3FT4C-O-C-N-B Datasheet
289Kb / 9P
TRIACS
3FT4CFMU JSMC-3FT4CFMU Datasheet
289Kb / 9P
TRIACS
More results

Similar Description - 3FT4C

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
3CT1S JSMC-3CT1S Datasheet
195Kb / 5P
AC switching
3CT4S JSMC-3CT4S Datasheet
412Kb / 8P
AC switching
3CT25S JSMC-3CT25S Datasheet
343Kb / 9P
AC switching
3FT1N2 JSMC-3FT1N2 Datasheet
317Kb / 7P
AC switching
3FT1T1 JSMC-3FT1T1 Datasheet
264Kb / 5P
AC switching
BT131 JSMC-BT131 Datasheet
313Kb / 6P
AC switching
BT134 JSMC-BT134 Datasheet
369Kb / 6P
AC switching
BT137 JSMC-BT137 Datasheet
301Kb / 7P
AC switching
MAC97A6 JSMC-MAC97A6 Datasheet
262Kb / 5P
AC switching
T0435NU JSMC-T0435NU Datasheet
287Kb / 6P
AC switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com