Electronic Components Datasheet Search
  English  ▼

X  

BDW94C Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # BDW94C
Description  High frequency switching power supply
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

BDW94C Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  BDW94C Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. BDW94C Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. BDW94C Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. BDW94C Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. BDW94C Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
R
版本:201603A
1/5
NPN 型外延达林顿晶体管
NPN EPITAXIAL DARLINGTON TRANSISTOR
BDW94C
订 货 型 号
Order codes
印
记
Marking
无卤素
Halogen Free
封
装
Package
包
装
Packaging
BDW94C-O-C-N-B
BDW94C
否
NO
TO-220C
条管 Tube
主要参数
MAIN CHARACTERISTICS
IC
-12A
VCEO
-100V
PC(TO-220C)
80W
封装 Package
用途
发动机点火
高频开关电源
高频功率变换
一般功率放大电路
APPLICATIONS
Engine ignition
High frequency switching power
supply
High frequency power transform
Commonly power amplifier circuit
产品特性
与 BDW93C 互补
高电流容量
高开关速度
高可靠性
环保(RoHS)产品
FEATURES
Complementary to BDW93C
High current capability
High switching speed
High reliability
RoHS product
订货信息 ORDER MESSAGE
TO-220C


Similar Part No. - BDW94C

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
BDW94C MOSPEC-BDW94C Datasheet
183Kb / 4P
POWER TRANSISTORS(12A,45-100V,80W)
logo
Power Innovations Ltd
BDW94C POINN-BDW94C Datasheet
152Kb / 6P
PNP SILICON POWER DARLINGTONS
logo
STMicroelectronics
BDW94C STMICROELECTRONICS-BDW94C Datasheet
80Kb / 6P
COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
Oct-1999
logo
Transys Electronics
BDW94C TRSYS-BDW94C Datasheet
689Kb / 5P
PNP SILICON POWER DARLINGTONS
logo
Fairchild Semiconductor
BDW94C FAIRCHILD-BDW94C Datasheet
39Kb / 5P
Power Linear and Switching Applications
More results

Similar Description - BDW94C

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
3CG3906 JSMC-3CG3906 Datasheet
205Kb / 6P
High frequency switching power supply
3CG5401 JSMC-3CG5401 Datasheet
187Kb / 6P
High frequency switching power supply
3CG8550 JSMC-3CG8550 Datasheet
224Kb / 5P
High frequency switching power supply
3CG9012 JSMC-3CG9012 Datasheet
180Kb / 5P
High frequency switching power supply
3CG9015 JSMC-3CG9015 Datasheet
226Kb / 5P
High frequency switching power supply
3DG882 JSMC-3DG882 Datasheet
151Kb / 5P
High frequency switching power supply
3DG9013 JSMC-3DG9013 Datasheet
179Kb / 5P
High frequency switching power supply
3DG9014 JSMC-3DG9014 Datasheet
220Kb / 5P
High frequency switching power supply
BDW93C JSMC-BDW93C Datasheet
220Kb / 5P
High frequency switching power supply
logo
Shenzhen hui lida elect...
BU406 HUILIDA-BU406 Datasheet
935Kb / 4P
High frequency switching power supply
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com