Electronic Components Datasheet Search
  English  ▼

X  

BT131 Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # BT131
Description  AC switching
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

BT131 Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  BT131 Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. BT131 Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. BT131 Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. BT131 Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. BT131 Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. BT131 Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
R
版本:
201510F
1/6
双向晶闸管
TRIACS
BT131
主要参数
MAIN CHARACTERISTICS
IT(RMS)
1A
VDRM
600V or 800V
IGT
5mA
用途
APPLICATIONS
交流开关
AC switching
相位控制
Phase control
产品特性
FEATURES
平面钝化芯片,
高可靠性和一
致性
Planar chip for reliability
and uniform
封装
Package
序号
Pin
引线名称
Description
1
主电极
1
MT1
2
门极
G
3
主电极
2
MT2
低通态电流和高
浪涌电流能力
Low on-state voltage and
High ITSM
环保 RoHS 产品
RoHS products
订货信息
ORDER MESSAGES
订 货 型 号
Order code
印
记
Marking
封
装
Package
包
装
Packaging
BT131-O-T-N-C
BT131
TO-92
袋装
Bag
TO-92


Similar Part No. - BT131

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT131 PHILIPS-BT131 Datasheet
49Kb / 6P
Triacs logic level
April 1998 Rev 1.000
logo
Unisonic Technologies
BT131 UTC-BT131 Datasheet
188Kb / 5P
TRIACS LOGIC LEVEL
logo
Apollo Electron Co., Lt...
BT131 APOLLOELECTRON-BT131 Datasheet
1Mb / 6P
Sensitive Triac
logo
Shenzhen Luguang Electr...
BT131 LUGUANG-BT131 Datasheet
133Kb / 5P
QUICK REFERENCE DATA
logo
Inchange Semiconductor ...
BT131 ISC-BT131 Datasheet
121Kb / 1P
isc Triacs
More results

Similar Description - BT131

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
3CT1S JSMC-3CT1S Datasheet
195Kb / 5P
AC switching
3CT4S JSMC-3CT4S Datasheet
412Kb / 8P
AC switching
3CT25S JSMC-3CT25S Datasheet
343Kb / 9P
AC switching
3FT1N2 JSMC-3FT1N2 Datasheet
317Kb / 7P
AC switching
3FT1T1 JSMC-3FT1T1 Datasheet
264Kb / 5P
AC switching
3FT4C JSMC-3FT4C Datasheet
289Kb / 9P
AC switching
BT134 JSMC-BT134 Datasheet
369Kb / 6P
AC switching
BT137 JSMC-BT137 Datasheet
301Kb / 7P
AC switching
MAC97A6 JSMC-MAC97A6 Datasheet
262Kb / 5P
AC switching
T0435NU JSMC-T0435NU Datasheet
287Kb / 6P
AC switching
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com