Electronic Components Datasheet Search
  English  ▼

X  

BT134 Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # BT134
Description  AC switching
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

BT134 Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  BT134 Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. BT134 Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. BT134 Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. BT134 Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. BT134 Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. BT134 Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
R
版本:
201510F
1/6
双向晶闸管
TRIACS
BT134
主要参数
MAIN CHARACTERISTICS
IT(RMS)
4A
VDRM
600V or 800V
IGT
10mA
用途
APPLICATIONS
交流开关
AC switching
相位控制
Phase control
产品特性
FEATURES
平面钝化芯片,
高可靠性和一
致性
Planar chip for reliability
and uniform
封装
Package
序号
Pin
引线名称
Description
1
主电极
1
MT1
2
主电极
2
MT2
3
门极
G
低通态电流和高
浪涌电流能力
Low on-state voltage and
High ITSM
环保 RoHS 产品
RoHS products
订货信息
ORDER MESSAGES
订 货 型 号
Order code
印
记
Marking
封
装
Package
包
装
Packaging
BT134-O-M-N-C
BT134
TO-126
袋装
Bag
TO-126


Similar Part No. - BT134

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT134 PHILIPS-BT134 Datasheet
46Kb / 6P
Triacs
August 1997 Rev 1.200
BT134 PHILIPS-BT134 Datasheet
45Kb / 6P
Triacs logic level
August 1997 Rev 1.200
BT134 PHILIPS-BT134 Datasheet
45Kb / 6P
Triacs sensitive gate
August 1997 Rev 1.200
logo
Suntac Electronic Corp.
BT134 SUNTAC-BT134 Datasheet
130Kb / 4P
Triacs logic level
logo
Continental Device Indi...
BT134 CDIL-BT134 Datasheet
72Kb / 2P
Triac Series
More results

Similar Description - BT134

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
3CT1S JSMC-3CT1S Datasheet
195Kb / 5P
AC switching
3CT4S JSMC-3CT4S Datasheet
412Kb / 8P
AC switching
3CT25S JSMC-3CT25S Datasheet
343Kb / 9P
AC switching
3FT1N2 JSMC-3FT1N2 Datasheet
317Kb / 7P
AC switching
3FT1T1 JSMC-3FT1T1 Datasheet
264Kb / 5P
AC switching
3FT4C JSMC-3FT4C Datasheet
289Kb / 9P
AC switching
BT131 JSMC-BT131 Datasheet
313Kb / 6P
AC switching
BT137 JSMC-BT137 Datasheet
301Kb / 7P
AC switching
MAC97A6 JSMC-MAC97A6 Datasheet
262Kb / 5P
AC switching
T0435NU JSMC-T0435NU Datasheet
287Kb / 6P
AC switching
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com