Electronic Components Datasheet Search
  English  ▼

X  

AT-B10 Datasheet(PDF) 2 Page - LEM

Part # AT-B10
Description  AC Current transducer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

AT-B10 Datasheet(HTML) 2 Page - LEM

  AT-B10 Datasheet HTML 1Page - LEM AT-B10 Datasheet HTML 2Page - LEM AT-B10 Datasheet HTML 3Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
090609/6
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
www.lem.com
Page 2/3
Current Transducer AT-B10
Isolation characteristics
V
b
Rated isolation voltage rms 1)
300
V
with IEC 61010-1 standards and following conditions:
- Reinforced isolation
- Over voltage category CAT III
- Pollution degree PD2
- Heterogeneous field
V
d
Rms voltage for AC isolation test 2), 50Hz, 1min.
3.5
kV
dCp
Creepage distance
6
mm
dCl
Clearance distance
6
mm
CTI
Comparative tracking index (Group I)
600
Notes: 1)If insulated cable is used for the primary circuit, the isolation voltage
category can be improved according to the primary cable insulation
category (please refer to the cable manufacturer’s indications)
2)
between primary (completely filling the hole) and secondary.
Safety and warning notes
In order to guarantee safe operation of the transducer and to be able to make proper use of all features and functions, please
read these instructions thoroughly!
Safe operation can only be guaranteed if the transducer is used for the purpose it has been designed for and within the limits of
the technical specifications.
Ensure you get up-to-date technical information that can be found in the latest associated datasheet under www.lem.com.
Caution! Risk of danger
Ignoring the warnings can lead to serious injury and/or cause damage!
The electric measuring transducer may only be installed and put into operation by qualified personnel that have
rceived an appropriate training.
The corresponding national regulations shall be observed during installation and operation of the transducer and
any electrical conductor.
The transducer shall be used in electric/electronic equipment with respect to applicable standards and safety
rquirements and in accordance with all the related systems and components manufacturers’ operating
instructions.
Caution! Risk of electrical shock
When operating the transducer, certain parts of the module may carry hazardous live voltage (e.g. primary
conductor, power supply).
The user shall ensure to take all measures necessary to protect against electrical shock.
The transducer is a built-in device containing conducting parts that shall not be accessible after installation.
A protective enclosure or additional insulation barrier may be necessary.
The transducer shall not be put into operation if the jaw opening is open (split core version) or the installation is
not completed.
Installation and maintenance shall be done with the main power supply disconnected except if there are no
hazardous live parts in or in close proximity to the system and if the applicable national regulations are fully
observed.
Safe and trouble-free operation of this transducer can only be guaranteed if transport, storage and installation are carried out
correctly and operation and maintenance are carried out with care.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com