Electronic Components Datasheet Search
  English  ▼

X  

CASR6-NP Datasheet(PDF) 17 Page - LEM

Part # CASR6-NP
Description  Current Transducer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

CASR6-NP Datasheet(HTML) 17 Page - LEM

Back Button CASR6-NP Datasheet HTML 10Page - LEM CASR6-NP Datasheet HTML 11Page - LEM CASR6-NP Datasheet HTML 12Page - LEM CASR6-NP Datasheet HTML 13Page - LEM CASR6-NP Datasheet HTML 14Page - LEM CASR6-NP Datasheet HTML 15Page - LEM CASR6-NP Datasheet HTML 16Page - LEM CASR6-NP Datasheet HTML 17Page - LEM CASR6-NP Datasheet HTML 18Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
Page 17/18
8March2012/version 7
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
CASR series
CASR Series, PCB footprint
Assembly on PCB
● Recommended PCB hole diameter 1.3 mm for primary pin
0.8 mm for secondary pin
● Maximum PCB thickness
2.4 mm
● Wave soldering profile
maximum 260°C for 10 s
No clean process only.
Safety
This transducer must be used in limited-energy secondary circuits
according to IEC 61010-1.
This transducer must be used in electric/electronic equipment
with respect to applicable standards and safety requirements in
accordance with the manufacturer’s operating instructions.
Caution, risk of electrical shock
When operating the transducer, certain parts of the module can carry
hazardous voltage (eg. primary busbar, power supply).
Ignoring this warning can lead to injury and/or cause serious damage.
This transducer is a build-in device, whose conducting parts must be
inaccessible after installation.
A protective housing or additional shield could be used.
Main supply must be able to be disconnected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com