Electronic Components Datasheet Search
  English  ▼

X  

B2S Datasheet(PDF) 1 Page - Vishay Siliconix

Part # B2S
Description  Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

B2S Datasheet(HTML) 1 Page - Vishay Siliconix

  B2S_13 Datasheet HTML 1Page - Vishay Siliconix B2S_13 Datasheet HTML 2Page - Vishay Siliconix B2S_13 Datasheet HTML 3Page - Vishay Siliconix B2S_13 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
B2S, B4S, B6S
www.vishay.com
Vishay General Semiconductor
Revision: 19-Aug-13
1
Document Number: 88893
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Miniature Glass Passivated Single-Phase
Surface Mount Bridge Rectifier
FEATURES
• UL recognition, file number E54214
• Saves space on printed circuit boards
• Ideal for automated placement
• Middle surge current capability
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 260 °C
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
General purpose use in AC/DC bridge full wave rectification
for power supply, lighting ballaster, battery charger, home
appliances, office equipment, and telecommunication
applications.
MECHANICAL DATA
Case: TO-269AA (MBS)
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant, commercial grade
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD22-B102
E3 suffix meets JESD 201 class 1A whisker test
Polarity: As marked on body
Note
(1) On glass epoxy PCB mounted on 0.05" x 0.05" (1.3 mm x 1.3 mm) pads
PRIMARY CHARACTERISTICS
Package
TO-269AA (MBS)
IF(AV)
0.5 A
VRRM
200 V, 400 V, 600 V
IFSM
30 A
IR
5 μA
VF at IF = 0.5 A
1.0 V
TJ max.
150 °C
Diode variations
Quad
~
~
TO-269AA (MBS)
~
~
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
B2S
B4S
B6S
UNIT
Device marking code
B2
B4
B6
Maximum repetitive peak reverse voltage
VRRM
200
400
600
V
Maximum RMS voltage
VRMS
140
280
420
V
Maximum DC blocking voltage
VDC
200
400
600
V
Maximum average forward output rectified current on
glass-epoxy PCB (fig. 1)
IF(AV)
0.5 (1)
A
Peak forward surge current 10 ms single half sine-wave
superimposed on rated load
IFSM
30
A
Rating for fusing (t < 8.3 ms)
I2t5.0
A2s
Operating junction and storage temperature range
TJ, TSTG
- 55 to + 150
°C
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
VALUES
UNIT
Maximum instantaneous forward
voltage per diode
IF = 0.5 A
VF
1.0
V
Maximum DC reverse current at rated
DC blocking voltage per diode
TA = 25 °C
IR
5.0
μA
TA = 125 °C
100
Typical junction capacitance per diode
4.0 V, 1 MHz
CJ
13
pF


Similar Part No. - B2S_13

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
B2SA1B NKK-B2SA1B Datasheet
299Kb / 8P
Process Sealed Subminiature Antistatic Toggles
logo
Ohmite Mfg. Co.
B2SA1B-GA OHMITE-B2SA1B-GA Datasheet
258Kb / 8P
General Specifications
logo
Nihon Kaiheiki Industry...
B2SA1B-GA NKK-B2SA1B-GA Datasheet
250Kb / 8P
General Specifications
logo
Ohmite Mfg. Co.
B2SA1B-GB OHMITE-B2SA1B-GB Datasheet
258Kb / 8P
General Specifications
logo
Nihon Kaiheiki Industry...
B2SA1B-GB NKK-B2SA1B-GB Datasheet
250Kb / 8P
General Specifications
More results

Similar Description - B2S_13

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DF005SA VISHAY-DF005SA Datasheet
27Kb / 2P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
25-Apr-03
MB2S VISHAY-MB2S Datasheet
112Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
01-Feb-08
logo
SEMTECH ELECTRONICS LTD...
MD1S SEMTECH_ELEC-MD1S Datasheet
250Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
Vishay Siliconix
MBL104S VISHAY-MBL104S Datasheet
99Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
12-Apr-13
MB6S-E3 VISHAY-MB6S-E3 Datasheet
102Kb / 4P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
01-Feb-08
logo
GOOD-ARK Electronics
DB101S GOOD-ARK-DB101S Datasheet
168Kb / 3P
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifier
logo
Microdiode Semiconducto...
LB1S CHENDA-LB1S Datasheet
813Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
Shenzhen Yixinwei Techn...
MB05F YIXIN-MB05F Datasheet
322Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
SHIKUES Electronics
S1ZB60 SKTECHNOLGY-S1ZB60 Datasheet
407Kb / 2P
MINIATURE GLASS PASSIVATED SINGLE-PHASE SURFACE MOUNT BRIDGE RECTIFIER
logo
Vishay Siliconix
B2S VISHAY-B2S_V01 Datasheet
104Kb / 4P
Miniature Glass Passivated Single-Phase Surface-Mount Bridge Rectifier
04-Aug-2020
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com