Electronic Components Datasheet Search
  English  ▼

X  

HMS10-P Datasheet(PDF) 2 Page - LEM

Part # HMS10-P
Description  Current Transducer
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HMS10-P Datasheet(HTML) 2 Page - LEM

  HMS10-P Datasheet HTML 1Page - LEM HMS10-P Datasheet HTML 2Page - LEM HMS10-P Datasheet HTML 3Page - LEM HMS10-P Datasheet HTML 4Page - LEM HMS10-P Datasheet HTML 5Page - LEM HMS10-P Datasheet HTML 6Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
110512/13
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice.
www.lem.com
Page 2/6
Current Transducer HMS 5..20-P
General data
T
A
Ambient operating temperature
- 40 .. + 85
°C
T
S
Ambient storage temperature
- 40 .. + 85
°C
m
Mass
app. 6
g
UL94 Classification
V0
Standard
EN 50178: 1997
Isolation characteristics
V
b
Rated isolation voltage rms
with IEC EN 50178, 61010-1 standards and following conditions
- Over voltage category III
- Pollution degree 2
- Heterogeneous field
Over voltage categoly Ⅲ
Pollution degree 2
Heterogeneous field
EN50178
IEC61010-1
Single isolation
1000V
1000V
Reinforced insulation
600V
300V
V
d
Rms voltage for AC isolation test, 50 Hz, 1 min
4.3
kV
dCp
Creepage distance
> 9.4
mm
dCl
Clearance distance
> 9.4
mm
CTI
Comparative tracking index (Group I )
> 600
V
V
e
Partial discharge extinction voltage rms @ 10 pC
> 750
V
V
w
Impulse withstand voltage 1.2/50 µs
8
kV
Safety
This transducer must be used in electric/electronic equipment with respect
to applicable standards and safety requirements in accordance with the
manufacturer’s operating instructions.
Caution, risk of electrical shock
When operating the transducer, certain parts of the module can carry hazardous
voltage (eg. primary busbar, power supply).
Ignoring this warning can lead to injury and/or cause serious damage.
This transducer is a built-in device, whose conducting parts must be inaccessible
after installation.
A protective housing or additional shield could be used.
Main supply must be able to be disconnected.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com