Electronic Components Datasheet Search
  English  ▼

X  

HO10-P Datasheet(PDF) 12 Page - LEM

Part # HO10-P
Description  Current Transducer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HO10-P Datasheet(HTML) 12 Page - LEM

Back Button HO10-P Datasheet HTML 4Page - LEM HO10-P Datasheet HTML 5Page - LEM HO10-P Datasheet HTML 6Page - LEM HO10-P Datasheet HTML 7Page - LEM HO10-P Datasheet HTML 8Page - LEM HO10-P Datasheet HTML 9Page - LEM HO10-P Datasheet HTML 10Page - LEM HO10-P Datasheet HTML 11Page - LEM HO10-P Datasheet HTML 12Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
Page 12/12
21October2014/Version 3
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
HO-P series
1
2
3
4
5
47nF
47nF
+Uc
4.7nF
Vout
Vref (IN/OUT)
OCD
0V
>10kΩ
IN
OUT
Ω
5
200Ω
Ip
Operation principle
dCI
dCp
+Uc
Vref
Vout
0V
OCD
(IN/OUT)
Dimensions HO 6-P, HO 10-P, HO 25-P (mm, general linear tolerance ±0.5 mm)
Remarks
·There are 6 retention pins which have to be used only for retention as well as into the section called "Assembly on PCB".
·The pimary conductor to be measured should go through the aperture 8 × 8 mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com