Electronic Components Datasheet Search
  English  ▼

X  

HO60-P Datasheet(PDF) 14 Page - LEM

Part # HO60-P
Description  Current Transducer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HO60-P Datasheet(HTML) 14 Page - LEM

Back Button HO60-P Datasheet HTML 7Page - LEM HO60-P Datasheet HTML 8Page - LEM HO60-P Datasheet HTML 9Page - LEM HO60-P Datasheet HTML 10Page - LEM HO60-P Datasheet HTML 11Page - LEM HO60-P Datasheet HTML 12Page - LEM HO60-P Datasheet HTML 13Page - LEM HO60-P Datasheet HTML 14Page - LEM HO60-P Datasheet HTML 15Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Page 14/15
16July2015/Version 5
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
HO 60 .. 250-P series
PCB Footprint in mm.
Assembly on PCB
● Recommended PCB hole diameter
2.15 mm for primary pin
0.9 mm for secondary pin
● Maximum PCB thickness
2.4 mm
● Wave soldering profile
maximum 260 °C, 10 s
No clean process only
Insulation distance (nominal values):
d
Cp
d
CI
On PCB: A - B
18.85 mm
-
Between jumper and secondary pin
21.1 mm
20.9 mm
Between primary busbar and secondary pin
14.6 mm
-
Between primary busbar and jumper
-
8 mm
Between primary busbar and core
-
11.34 mm
Between core and secondary terminal
-
1.18 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com