Electronic Components Datasheet Search
  English  ▼

X  

HO200-S Datasheet(PDF) 13 Page - LEM

Part # HO200-S
Description  Current Transducer
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HO200-S Datasheet(HTML) 13 Page - LEM

Back Button HO200-S Datasheet HTML 6Page - LEM HO200-S Datasheet HTML 7Page - LEM HO200-S Datasheet HTML 8Page - LEM HO200-S Datasheet HTML 9Page - LEM HO200-S Datasheet HTML 10Page - LEM HO200-S Datasheet HTML 11Page - LEM HO200-S Datasheet HTML 12Page - LEM HO200-S Datasheet HTML 13Page - LEM HO200-S Datasheet HTML 14Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Page 13/14
24July2014/Version 1
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
HO 50 .. 250-S series
Dimensions HO-S series (mm, general linear tolerance ± 0.3 mm)
Mounting example: vertical
Remarks:
●
V
OUT is positive with respect to Vref when positive IP flows in direction of the arrow shown on the drawing
above.
●
Connection system: equivalent to JST B5B-PH type.
Connection
I
p
V
ref
V
out
U
C
C1
47 nF
C2
4.7 nF
C3
47 nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com