Electronic Components Datasheet Search
  English  ▼

X  

ICS1702M Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # ICS1702M
Description  QuickSaver Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ICS1702M Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button ICS1702M Datasheet HTML 16Page - List of Unclassifed Manufacturers ICS1702M Datasheet HTML 17Page - List of Unclassifed Manufacturers ICS1702M Datasheet HTML 18Page - List of Unclassifed Manufacturers ICS1702M Datasheet HTML 19Page - List of Unclassifed Manufacturers ICS1702M Datasheet HTML 20Page - List of Unclassifed Manufacturers ICS1702M Datasheet HTML 21Page - List of Unclassifed Manufacturers ICS1702M Datasheet HTML 22Page - List of Unclassifed Manufacturers ICS1702M Datasheet HTML 23Page - List of Unclassifed Manufacturers ICS1702M Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
20
ICS1702
With the batteries removed, the current source must be capable of
raising the voltage at the VIN pin above the voltage at the OPREF
pin to ensure proper polling. With the batteries installed, the
current source overshoot characteristics when turned on and off
must not cause the voltage at the VIN pin to exceed the voltage at
the OPREF pin. If the voltage at OPREF exceeds the voltage at
VIN when a charge pulse is applied or removed, the polling feature
will be activated.
PC Board Design Considerations
It is very important that care be taken to minimize noise coupling
and ground bounce. In addition, wires and connectors can add
significant resistance and inductance to the charge and discharge
circuits. When designing the printed circuit board, make sure
ground and power traces are wide and bypass capacitors are used
right at the controller. Use separate grounds for the signal, charge
and discharge circuits. Separate ground planes on the component
side of the PC board are recommended. Be sure to connect these
grounds together at the negative lead of the battery only. For the
discharge circuit, keep the physical separation between power and
return (ground) to a minimum to minimize field radiation effects.
This precaution is also applicable to the constant current source,
particularly if it is a switch mode type. Keep the ICS1702 and the
constant current source control circuits outside the power and
return loop described above. These precautions will prevent high
circulating currents and coupled noise from disturbing normal
operation.
Selecting the Appropriate Termination Method
In general, the voltage slope termination method works best for
equipment where the battery is fast charged with the equipment off
or the battery is removed from the equipment for fast charge. The
temperature slope and maximum temperature termination methods
are for equipment that must remain operative while the battery is
fast charged.
Applications Information
To ensure proper operation of the ICS1702, external components
must be properly selected. The external current source used must
meet several important criteria to ensure optimal performance of
the charging system. The charging current should be constant when
using voltage slope termination. The current may vary when using
temperature slope termination.
VIN and OPREF Divider Resistors
Figure 15 shows a typical application using the ICS1702. R1
through R4 must be carefully selected to ensure that battery
detection and voltage termination methods operate properly.
R1 and R2 are selected to scale the battery voltage down to the
voltage of one cell. The following table shows some typical values.
Additional information is available in the Voltage Input section.
Cells
R1
R2
1
Short
Open
2
2.0k
2.0k
3
2.0k
1.0k
4
3.0k
1.0k
5
12k
3.0k
6
10k
2.0k
7
12k
2.0k
8
9.1k
1.3k
If using voltage slope termination, the current source should
prevent ripple voltage from appearing on the battery. The effects of
ripple on the battery voltage may interfere with proper operation
when using the voltage slope method.
R3 and R4 are used to set the open circuit (no battery) reference
voltage on the OPREF pin. The function of this pin is discussed in
the Open Circuit Reference section.
V
OPREF
R3
R4
1.86 V
2.2k
1.3k
1.92 V
2.4k
1.5k
1.97 V
2.0k
1.3k
2.00 V
3.0k
2.0k
2.03 V
2.2k
1.5k
2.10 V
1.8k
1.3k
2.14 V
2.4k
1.8k
2.22 V
3.0k
2.4k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com